Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 2Page - Texas Instruments DRV8300DI Datasheet HTML 3Page - Texas Instruments DRV8300DI Datasheet HTML 4Page - Texas Instruments DRV8300DI Datasheet HTML 5Page - Texas Instruments DRV8300DI Datasheet HTML 6Page - Texas Instruments DRV8300DI Datasheet HTML 7Page - Texas Instruments DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments DRV8300DI Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Gate driver regulator pin voltage
GVDD
-0.3
21.5
V
Bootstrap pin voltage
BSTx
-0.3
115
V
Bootstrap pin voltage
BSTx with respect to SHx
-0.3
21.5
V
Logic pin voltage
INHx, INLx, MODE, DT
-0.3
VGVDD+0.3
V
High-side gate drive pin voltage
GHx
-22
115
V
High-side gate drive pin voltage
GHx with respect to SHx
-0.3
22
V
Low-side gate drive pin voltage
GLx
-0.3
VGVDD+0.3
V
High-side source pin voltage
SHx
-22
100
V
Ambient temperature, TA
–40
125
°C
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
7.2 ESD Ratings Comm
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VGVDD
Power supply voltage
GVDD
5
20
V
VSHx
High-side source pin voltage
SHx
-2
85
V
VSHx
Transient 2µs high-side source pin
voltage
SHx
-22
85
V
VBST
Bootstrap pin voltage
BSTx
5
105
V
VBST
Bootstrap pin voltage
BSTx with respect to SHx
5
20
V
VIN
Logic input voltage
INHx, INLx, MODE, DT
0
GVDD
V
fPWM
PWM frequency
INHx, INLx
0
200
kHz
VSHSL
Slew rate on SHx pin (DRV8300D and
DRV8300DI)
2
V/ns
VSHSL
Slew rate on SHx pin (DRV8300N and
DRV8300NI)
50
V/ns
CBOOT (1)
Capacitor between BSTx and SHx
(DRV8300D and DRV8300DI)
1
µF
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C
(1)
Current flowing through boot diode (DBOOT) needs to be limited for CBOOT > 1µF
DRV8300
SLVSFG5 – SEPTEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com