Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 19 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 15Page - Texas Instruments DRV8300DI Datasheet HTML 16Page - Texas Instruments DRV8300DI Datasheet HTML 17Page - Texas Instruments DRV8300DI Datasheet HTML 18Page - Texas Instruments DRV8300DI Datasheet HTML 19Page - Texas Instruments DRV8300DI Datasheet HTML 20Page - Texas Instruments DRV8300DI Datasheet HTML 21Page - Texas Instruments DRV8300DI Datasheet HTML 22Page - Texas Instruments DRV8300DI Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
the bootstrap capacitor value). For this application choose a CVDD capacitor with the following specifications: 1
µF , 25 V, X7R CVDD capacitor is placed across GVDD and GND pin of the gate driver. The bootstrap and bias
capacitors must be ceramic types with X7R dielectric or better. Choose a capacitor with a voltage rating at least
twice the maximum voltage that it will be exposed to. Choose this value because most ceramic capacitors lose
significant capacitance when biased. This value also improves the long term reliability of the system. The
capacitor should be rated for at least 2x the GVDD voltage, so 25V rated capacitors are recommended.
www.ti.com
DRV8300
SLVSFG5 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com