Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210 Datasheet(HTML) 33 Page - Texas Instruments

Back Button THP210 Datasheet HTML 29Page - Texas Instruments THP210 Datasheet HTML 30Page - Texas Instruments THP210 Datasheet HTML 31Page - Texas Instruments THP210 Datasheet HTML 32Page - Texas Instruments THP210 Datasheet HTML 33Page - Texas Instruments THP210 Datasheet HTML 34Page - Texas Instruments THP210 Datasheet HTML 35Page - Texas Instruments THP210 Datasheet HTML 36Page - Texas Instruments THP210 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
11 Layout
11.1 Layout Guidelines
11.1.1 Board Layout Recommendations
• Keep differential signals routed together to minimize parasitic impedance mismatch.
• Connect a 0.1-µF capacitor to the supply nodes through a via.
• If no external voltage is used, connect a 0.1-µF capacitor to the VOCM pin.
• Keep any high-frequency nodes that can couple through parasitic paths away from the VOCM node.
• Clean the printed circuit board (PCB) after assembly to minimize any leakage paths from excess flux into the
VOCM node.
11.2 Layout Example
±IN
8
VS+
VOCM
7
OUT+
6
4
+IN
5
VSí
1
2
3
CCM
RI
CVS+
Copyright © 2017, Texas Instruments Incorporated
Connect the powerdown pin
through a via. If powerdown is
not needed, leave floating.
Route the VOCM pin connection
through a via. Connect a 0.1 µF
capacitor to VOCM if no external
voltage is used to set the output
common mode voltage.
Connect IN+/IN± through input
resistors on the top layer.
Maintain symmetry between
traces and routing to minimize
common mode coupling.
Connect bypass capacitors
through a via.
+
±
VVS+
+
±
THP210
RF
2 k
RF
2 k
VVOCM
RI
2 k
RI
2 k
VVS±
VPD
VOUT+
VOUT±
VOUT
+
±
OUTí
CCM
CVS+
CVSí
RF
VOUT+
RI
VINí
RF
VIN+
VOUT±
CVSí
PD
PD
GND
GND
VOUT±
VINDIFF / 2
+
+
VINDIFF / 2
Figure 11-1. Example Layout
www.ti.com
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com