Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210 Datasheet(HTML) 3 Page - Texas Instruments

  THP210 Datasheet HTML 1Page - Texas Instruments THP210 Datasheet HTML 2Page - Texas Instruments THP210 Datasheet HTML 3Page - Texas Instruments THP210 Datasheet HTML 4Page - Texas Instruments THP210 Datasheet HTML 5Page - Texas Instruments THP210 Datasheet HTML 6Page - Texas Instruments THP210 Datasheet HTML 7Page - Texas Instruments THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
5 Pin Configuration and Functions
1
2
3
4
8
7
6
5
IN+
PD
VS
-
OUT
-
IN
-
VOCM
VS+
OUT+
Figure 5-1. D (SOIC-8) and DGK (VSSOP-8) Packages, Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IN–
1
I
Inverting (negative) amplifier input
IN+
8
I
Noninverting (positive) amplifier input
OUT–
5
O
Inverting (negative) amplifier output
OUT+
4
O
Noninverting (positive) amplifier output
PD
7
I
Power down.
PD = logic low = power off mode.
PD = logic high = normal operation.
The logic threshold is referenced to VS+.
If power down is not needed, leave PD floating.
VOCM
2
I
Output common-mode voltage control input
VS–
6
I
Negative power-supply input
VS+
3
I
Positive power-supply input
www.ti.com
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com