Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THP210 Datasheet HTML 6Page - Texas Instruments THP210 Datasheet HTML 7Page - Texas Instruments THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
6.6 Typical Characteristics (continued)
at VVS = ±15 V, TA = 25°C, VVOCM = VVICM = 0 V, RF = 2 kΩ, RL = 10 kΩ, gain = –1 V/V, and VPD = VVS+ (unless otherwise
noted)
Frequency (Hz)
-20
-10
0
10
20
30
40
50
1k
10k
100k
1M
10M
D009
G = 1
G = 10
G = 100
VS = ±15 V, CL = 50 pF
Figure 6-13. Closed-Loop Gain vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
140
160
180
10m 100m
1
10
100
1k
10k
100k
1M
10M
D011
VS = ±15 V
Figure 6-14. Common-Mode Rejection Ratio vs Frequency
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
D030
Figure 6-15. Common-Mode Rejection Ratio vs Temperature
Frequency (Hz)
0
20
40
60
80
100
120
140
160
180
10m 100m
1
10
100
1k
10k
100k
1M
10M
D012
PSRR
PSRR
VS = ±15 V
Figure 6-16. Power-Supply Rejection Ratio vs Frequency
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.05
-0.04
-0.03
-0.02
-0.01
D031
Figure 6-17. Power-Supply Rejection Ratio vs Temperature
Frequency (Hz)
0
5
10
15
20
25
30
35
40
1
10
100
1k
10k
100k
1M
10M
D019
VS = ±15 V
Figure 6-18. Maximum Output Voltage vs Frequency
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com