Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THP210 Datasheet HTML 24Page - Texas Instruments THP210 Datasheet HTML 25Page - Texas Instruments THP210 Datasheet HTML 26Page - Texas Instruments THP210 Datasheet HTML 27Page - Texas Instruments THP210 Datasheet HTML 28Page - Texas Instruments THP210 Datasheet HTML 29Page - Texas Instruments THP210 Datasheet HTML 30Page - Texas Instruments THP210 Datasheet HTML 31Page - Texas Instruments THP210 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
9.2.1.3 Application Curve
The gain and phase plots are shown in Figure 9-11. The MFB filter features a Butterworth responses feature
very flat passband gain, with a 2-pole rolloff at 30 kHz to eliminate any higher-frequency noise from
contaminating the signal chain and potentially alias back into the desired band.
Frequency (Hz)
-20
-180
-16
-150
-12
-120
-8
-90
-4
-60
0
-30
4
0
8
30
12
60
16
90
20
120
100
1k
10k
100k
C100
Gain
Phase
Figure 9-11. Gain and Phase Plot for a 30-kHz Butterworth Filter
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com