Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THP210 Datasheet HTML 20Page - Texas Instruments THP210 Datasheet HTML 21Page - Texas Instruments THP210 Datasheet HTML 22Page - Texas Instruments THP210 Datasheet HTML 23Page - Texas Instruments THP210 Datasheet HTML 24Page - Texas Instruments THP210 Datasheet HTML 25Page - Texas Instruments THP210 Datasheet HTML 26Page - Texas Instruments THP210 Datasheet HTML 27Page - Texas Instruments THP210 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
9.1.5 Operating the Power-Down Feature
The power-down feature on the THP210 puts the device into a low power-consumption state, with quiescent
current minimized. To force the device into the low-power state, drive the PD pin lower than the power-down
threshold voltage (V VS+ – 2 V). Driving the PD pin lower than the power-down threshold voltage forces the
internal logic to disable both the differential and common-mode amplifiers. The PD pin has an internal pullup
current that allows the pin to be used in an open-drain MOSFET configuration without an additional pullup
resistor, as seen in Figure 9-7. In this configuration, the logic level can be referenced to the MOSFET, and the
voltage at the PD pin is level-shifted to account for use with high supply voltages. Be sure to select an N-type
MOSFET with a maximum BVDSS greater than the total supply voltage.
PD
1 µA
To
amplifier
core
VS+
GND
THP210
Enabled
MOSFET
THRESHOLD
Powerdown
Figure 9-7. Power-Down ( PD) Pin Interface With Low-Voltage Logic Level Signals
For applications that do not use the power-down feature, tie the PD pin to the positive supply voltage.
When PD is low (device is in power down) the output pins is in a high-impedance state.
9.1.6 Driving Capacitive Loads
In most ADC applications, an FDA is required to drive capacitive load of an RC charge kickback filter. Other
applications may require some other next-stage devices to be driven. The strong output stage of the THP210
drives higher capacitive loads compared to other FDAs. Figure 6-25 implies that the small-signal overshoot is
less then 20% at a direct capacitive load connection of 140 pF. To help avoid instability and drive higher
capacitive loads, add a small resistor (referred to as isolation resistor RISO in both this plot and Figure 6-26) at
the outputs of the THP210 before the capacitive load.
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com