Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THP210 Datasheet HTML 5Page - Texas Instruments THP210 Datasheet HTML 6Page - Texas Instruments THP210 Datasheet HTML 7Page - Texas Instruments THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
6.6 Typical Characteristics (continued)
at VVS = ±15 V, TA = 25°C, VVOCM = VVICM = 0 V, RF = 2 kΩ, RL = 10 kΩ, gain = –1 V/V, and VPD = VVS+ (unless otherwise
noted)
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
-100
-50
0
50
100
150
200
250
300
350
400
450
500
D027
IB
IB+
IOS
Figure 6-7. Input Bias Current vs Supply Voltage
Frequency (Hz)
1
2
3
5
7
10
20
30
50
70
100
100m
1
10
100
1k
10k
100k
D013
Figure 6-8. Input-Referred Voltage Noise vs Frequency
Frequency (Hz)
0.1
0.5
2 3 5 10 20
100
1000
10000
100000
100
200
300
500
700
1000
2000
3000
5000
D014
Figure 6-9. Current Noise vs Frequency
Frequency (Hz)
-125
-120
-115
-110
-105
-100
-95
-90
10
100
20k
1k
10k
D015
RL = 2 k:
RL = 10 k:
RL = 600 :
VOUT = 3 VRMS, VS = ±15 V
Figure 6-10. Total Harmonic Distortion + Noise vs Frequency
Output Amplitude (VRMS)
1E-5
0.0001
0.001
0.01
0.1
10m
100m
1
10
-140
-120
-100
-80
-60
D016
RL = 2 k:
RL = 10 k:
f = 1 kHz, VS = ±15 V
Figure 6-11. Total Harmonic Distortion + Noise vs Amplitude
Frequency (Hz)
-20
-200
0
-160
20
-120
40
-80
60
-40
80
0
100
40
120
80
140
120
160
160
180
200
1
10
100
1k
10k
100k
1M
10M
D068
Gain
Phase
VS = ±15 V, CL = 50 pF
Figure 6-12. Open-Loop Gain vs Frequency
www.ti.com
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com