Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210 Datasheet(HTML) 22 Page - Texas Instruments

Back Button THP210 Datasheet HTML 18Page - Texas Instruments THP210 Datasheet HTML 19Page - Texas Instruments THP210 Datasheet HTML 20Page - Texas Instruments THP210 Datasheet HTML 21Page - Texas Instruments THP210 Datasheet HTML 22Page - Texas Instruments THP210 Datasheet HTML 23Page - Texas Instruments THP210 Datasheet HTML 24Page - Texas Instruments THP210 Datasheet HTML 25Page - Texas Instruments THP210 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
9.1.3 Noise Analysis
An accurate output-noise calculation allows the designer to compare the performance of alternate FDA solutions.
The combination of differential spot noise at the output pins of the FDA with any passive filtering to the ADC
enables an accurate signal-to-noise ratio (SNR) calculation. This chapter incorporates key elements for an
output noise analysis.
The first step in the output noise analysis is to reduce the application circuit to the simplest form with equal
feedback and gain setting elements to ground. Figure 9-4 shows the simplest analysis circuit with the FDA. This
circuit considers the thermal resistor noise terms of the external feedback network and the intrinsic input voltage
and current noise terms.
+
±
In+
2
In±
2
eno
2
RF
RG
RF
RG
enRg
2
enRf
2
enRg
2
enRf
2
eni
2
Figure 9-4. FDA Noise Analysis Circuit
The noise powers are shown in Figure 9-4 for each term. When the RF and RG (or RI) terms are matched on
each side, the total differential output noise is the root sum squared (RSS) of these separate terms.
Using NG ≡ 1 + RF / RG as the noise gain, the total output noise density is given by Equation 3. Each resistor
noise term is a 4kT × R power (4kT = 1.6E-20 J at 290 K).
2
2
o
ni
N
F
F
e
e NG
2 i R
2 4kTR NG
(3)
where:
• eni is the differential input spot noise times the noise gain.
• in x RF is the input current noise terms times the feedback resistor.
Because there are two uncorrelated current noise terms, the power is two times one of them.
• enRF is the thermal output noise resulting from both the RF and RG resistors at twice the value for the output
noise power of each side added together.
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com