Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments THP210 Datasheet HTML 17Page - Texas Instruments THP210 Datasheet HTML 18Page - Texas Instruments THP210 Datasheet HTML 19Page - Texas Instruments THP210 Datasheet HTML 20Page - Texas Instruments THP210 Datasheet HTML 21Page - Texas Instruments THP210 Datasheet HTML 22Page - Texas Instruments THP210 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
Most applications for the THP210 strive to deliver the best dynamic range in a design that delivers the desired
signal processing along with adequate phase margin for the amplifier. The following sections detail some of the
design issues with analysis, and guidelines for improved performance.
9.1.1 I/O Headroom Considerations
The starting point for most designs is to assign an output common-mode voltage for the THP210. For ac-coupled
signal paths, this voltage is often the default midsupply voltage to retain the most available output swing around
the voltage centered at the VOCM voltage. For dc-coupled signal paths, set this voltage to minimum of VVS± ±2 V
at VS = ± 18 V and VVS± ±1 V at VS = ± 2.5 V respectively. For precision ADC drivers, this output becomes the
input common mode voltage of the ADC.
From the target output VOCM, the next step is to verify that the desired output differential peak-to-peak voltage (V
OPP) stays within the supplies. For any desired differential VOPP, make sure that the absolute maximum voltage
at the output pins swings with Equation 1 and Equation 2 and confirm that these expressions are within the
supply rails minus the output headroom required for the RRO device.
V
Omax= VOCM+
V
OPP
2
(1)
V
Omin= VOCM -
V
OPP
2
(2)
Most designs do not run into an input range limit. However, using the approach shown in this section can allow a
quick assessment of the input V ICM range under the intended full-scale output condition. The TINA-TI™
simulation software can be used to plot the input voltages under the intended swings and application circuit to
verify that there is no limiting from this effect. Increasing the positive and negative supplies slightly in simulation
is an easy way to discover the simulated swings that might be going out of range.
9.1.2 DC Precision Analysis
9.1.2.1 DC Error Voltage at Room Temperature
Good dc linearity allows the designer to minimize the total dc output error of the system. In particular, this error
divides into two contributions: the initial error at the normal operating condition of 25°C, and the drift error over
temperature. The main sources of these errors typically arise from:
• Voltage error due to the input offset voltage (VIO)
• Voltage error due to noninverting and inverting bias current (IB–, IB+)
• The common-mode rejection ratio (CMRR) of the FDA
• Voltage error due to mismatch between input and output common-mode voltages (VVOCM – VICM)
One major source of error comes from the effect of mismatched resistor values and the ratios on the two sides of
the FDA. For this analysis, this error term is neglected. The effects are described separately in Section 9.1.4.
www.ti.com
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com