Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3370
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3376
10
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
6A Buck Efficiency vs ILOAD,
VOUT=3.3V
1.5A Buck Efficiency vs Frequency
(Forced Continuous Mode)
1.5A Buck Efficiency vs Frequency
(Forced Continuous Mode)
1.5A Buck Regulator Load
Regulation (Forced Continuous
Mode)
1.5A Buck Regulator Line
Regulation (Forced Continuous
Mode)
1.5 Buck Current Limit vs Duty
Cycle
TA = 25°C, unless otherwise noted.
FORCED CONTINUOUS MODE
fOSC = 2MHz
L DCR = 3.0mΩ
L = 1.1µH
OPERATION
Burst Mode
EXTVCC = 3.3V
VIN = 5V
VIN = 12V
VIN = 20V
VIN = 5V
VIN = 12V
VIN = 20V
LOAD CURRENT (A)
1m
10m
100m
1
6
0
10
20
30
40
50
60
70
80
90
100
VOUT = 3.3V
6A Buck Efficiency vs ILOAD,
3376 G28
VOUT = 3.3V
ILOAD = 0.5A
L = 6.5µH
EXTVCC = 3.3V
VIN = 5V
VIN = 12V
FREQUENCY (MHz)
1
1.5
2
2.5
3
50
55
60
65
70
75
80
85
90
95
100
(Forced Continuous Mode)
1.5A Buck Efficiency vs Frequency
3376 G29
VOUT = 3.3V
VIN = 12V
L = 6.5µH
EXTVCC = 3.3V
ILOAD = 0.8A
ILOAD = 0.2A
ILOAD = 0.05A
FREQUENCY (MHz)
1
1.5
2
2.5
3
50
55
60
65
70
75
80
85
90
95
100
(Forced Continuous Mode)
1.5A Buck Efficiency vs Frequency
3376 G30
fOSC = 2MHz
L = 4.7µH
VIN = 5V
VIN = 12V
VIN = 20V
LOAD CURRENT (A)
1m
10m
100m
1 2
3.290
3.292
3.294
3.296
3.298
3.300
3.302
3.304
3.306
3.308
3.310
Mode)
Regulation (Forced Continuous
1.5A Buck Regulator Load
3376 G31
fOSC = 2MHz
L = 4.7µH
Due to minimum
off–time
ILOAD = 1mA
ILOAD = 750mA
VIN (V)
4
6
8
10
12
14
16
18
20
3.220
3.230
3.240
3.250
3.260
3.270
3.280
3.290
3.300
3.310
Mode)
Regulation (Forced Continuous
1.5A Buck Regulator Line
3376 G32
VOUT = 3.3V
fOSC = 2MHz
L = 4.7µH
DUTY CYCLE (%)
20 26 32 38 44 50 56 62 68 74 80
2.00
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
vs Duty Cycle
1.5A Buck Current Limit
3376 G33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com