Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3370
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices LTC3370 Datasheet HTML 23Page - Analog Devices LTC3370 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC3376
20
Rev 0
For more information www.analog.com
OPERATION
APPLICATIONS INFORMATION
pin powers all of the MOSFET gate drivers, must have its
own10µFbypasscap,andmustbeconnectedontheboard
to INTVCC.Goodbypassingisnecessarytosupplythehigh
transient currents required by the power MOSFET drivers.
To improve efficiency the internal LDO can also draw cur-
rent from the EXTVCC pin if the EXTVCC pin is 3V or higher.
VCC has to be present even if EXTVCC is used. Typically
the EXTVCC pin can be tied to an output of one of the
LTC3376 bucks, or it can be tied to an external supply of
3V or above. If EXTVCC is connected to a supply other than
a buck output, be sure to bypass it with a local ceramic
capacitor. If the EXTVCC pin is below 2.8V, the internal LDO
will consume current from VCC. Applications with high
input voltage and high switching frequency in which the
LDO pulls current from VCC will increase die temperature
because of the higher power dissipation in the LDO. Do not
load the INTVCC pin with external circuitry exceeding 2mA.
Buck Switching Regulator Output Voltage and
Feedback Network
The output voltage of each buck switching regulator is
programmed by a resistor divider across the switching
regulator’s output connecting to its feedback pin and is
given by VOUT = VFB+(1 + R2/R1) as shown in Figure 1
where VFB+ = 400mV. Typical values for R1 range from
20k to 200k. 1% or better resistors are recommended
to maintain output voltage accuracy. The buck regulator
transient response may improve with an optional phase
lead capacitor CFF that helps cancel the pole created by the
feedback resistors and the input capacitance of the FB+
pin. Experimentation with capacitor values between 2pF
and 22pF may improve transient response if the resistor
divider has a large VOUT/VFB+ ratio.
The LTC3376 includes low offset, high input impedance
differential sense for applications that require remote
sensing. Connect FB+ to the center tap of the feedback
divider across the output load, and FB– to the load ground.
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, transient response, and input
voltage range. The advantage of high frequency operation
is that smaller inductor and capacitor values may be used.
Higher switching frequencies allow for higher control loop
bandwidth and, therefore, faster transient response. The
disadvantages of higher switching frequencies are lower
efficiency, because of increased switching losses, and a
smaller input voltage range, because of minimum switch
on-time limitations.
The operating frequency for all of the LTC3376 buck regu-
lators can be determined by an external resistor that is
connected from the RT pin to ground. The operating fre-
quency is calculated using the following equation:
fOSC = 2MHz
402kΩ
RT
⎛
⎝
⎜
⎞
⎠
⎟
(4)
While the LTC3376 is designed to function with operat-
ing frequencies between 1MHz and 3MHz, it has internal
safety clamps that prevent the oscillator from running
faster than 4MHz (typical) or slower than 500kHz (typi-
cal). Tying the RT pin to INTVCC sets the oscillator to the
default internal operating frequency of 2MHz (typical).
Although the maximum programmable switching fre-
quency is 3MHz for the LTC3376, the minimum on-time
of the LTC3376 imposes a minimum operating duty
cycle. The typical minimum on-time is 53ns. The highest
Figure 1. Feedback Components
BUCK
SWITCHING
REGULATOR
SW
FB+
R2
CFF
COUT
R1
OPTIONAL
3376 F01
FB–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com