Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3370
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC3376
16
Rev 0
For more information www.analog.com
BLOCK DIAGRAM
BSTA
3376 BD
4
VCC
(3V TO 20V)
CFG0
CFG1
CFG2
CFG3
GND
EXTVCC
(3V TO 5.5V)
VINA
SWA
PGNDA
1.5A POWER
STAGE A
BSTB
VINB
SWB
PGNDB
1.5A POWER
STAGE B
BSTC
VINC
SWC
PGNDC
1.5A POWER
STAGE C
BSTD
VIND
SWD
PGNDD
1.5A POWER
STAGE D
BSTE
VINE
SWE
PGNDE
1.5A POWER
STAGE E
1.5A POWER STAGE
BSTF
VINF
SWF
PGNDF
1.5A POWER
STAGE F
BSTG
VING
SWG
PGNDG
1.5A POWER
STAGE G
BSTH
VINH
SWH
PGNDH
1.5A POWER
STAGE H
TEMP
IMON1-4
RUN1
FB1+
FB1–
PGOOD4
INTVCC_P
INTVCC
TO POWER STAGES
TEMP
MONITOR
BUCK REGULATOR 1
CONTROL
Φ = 90°
SYNC/MODE
RT
MODE
CLK
PRIORITIZER
3V
REF
OT
BANDGAP
UV
SD
UVLO
INTVCC
VINB
RUN2
FB2+
FB2–
BUCK REGULATOR 2
CONTROL
Φ = 0°
INTVCC
VINC
RUN3
FB3+
FB3–
BUCK REGULATOR 3
CONTROL
Φ = 270°
INTVCC
VINF
RUN4
FB4+
FB4–
BUCK REGULATOR 4
CONTROL
Φ = 180°
CONFIGURATION LINES
INTVCC
VING
SD
CLK
REF
MODE
OSCILLATOR
4
PGOOD
BSTx
VINx
SWx
MNTOPx
10nF
INTVCC_P
PGNDx
PGOOD3
MNBOTx
INTVCC_P
PGOOD2
PGOOD1
4
IMON
4
LOGIC
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com