Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC3370
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices LTC3370 Datasheet HTML 23Page - Analog Devices LTC3370 Datasheet HTML 24Page - Analog Devices LTC3370 Datasheet HTML 25Page - Analog Devices LTC3370 Datasheet HTML 26Page - Analog Devices LTC3370 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC3376
23
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
bias and temperature. A physically larger capacitor or one
with a higher voltage rating may be required.
PCB Considerations
When laying out the printed circuit board, the following
list should be followed to ensure proper operation of the
LTC3376:
1. The input supply pins (VINA-H) should each have local
decoupling capacitors with their ground pins connect-
ing back to the PGND pin (PGNDA-H) of the IC with as
short and wide a trace as possible before connecting
to the GND plane. The VIN and PGND pins are placed
next to each other on the outer edge of the IC for
this purpose. Note that large switched currents flow
in the LTC3376’s VIN and PGND pins, and in the VIN
input capacitor. The loop formed by the input capaci-
tor should be made as tight as possible by placing
the capacitor adjacent to the VIN and PGND pins and
choosing a small case size such as 0402 for the 1µF
capacitor and 0603 for the 10µF capacitor. Place a
local, unbroken ground plane under the application
circuit on the layer closest to the surface layer.
2. When connecting BST pins together for ganging, the
BST trace should be as short as possible.
3. The switching power traces connecting SWA-H to
their respective inductors should be short and wide
to reduce radiated EMI and parasitic coupling. Due to
the large voltage swing of the switching nodes, high
input impedance sensitive nodes, such as the feed-
back nodes, should be kept far away or shielded from
the switching nodes or poor performance could result.
4. Keep the FB+, FB–, RT, TEMP, and RUN nodes small
so that ground traces will shield them from the SW
and BST nodes.
5. The GND pin should connect directly to the ground
side of the INTVCC bypass cap and then connect to the
ground connection of other analog components (RT
resistor, IMON resistor, VCC and EXTVCC bypass caps)
before connecting down to the GND plane.
6. The bypass capacitor from INTVCC to GND should be
as close to the INTVCC pin as possible and connected
with a wide trace.
7. The bypass capacitor from INTVCC_P to GND should
be as close to the INTVCC_P pin as possible and con-
nected with a wide trace. The ground side of this
capacitor should connect directly to the GND plane.
8. The GND side of the switching regulator output capac-
itors should connect to the GND plane.
9. The FB– pin should connect directly to the GND side
of the feedback resistor.
10. The power stages should have a symmetric layout
with respect to VIN, PGND, BST, and SW traces.
11. See Evaluation Kit Design Files for recommended
layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com