Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3370
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC3376
14
Rev 0
For more information www.analog.com
PIN FUNCTIONS
PGOOD4 (Pin D7): Power Good Pin for Buck Regulator 4
(Active High). Open-drain output. This pin is driven low
when Buck 4’s regulated output voltage falls below its
PGOOD threshold or rises above its overvoltage thresh-
old. PGOOD4 is also pulled low in the following scenarios:
if the buck is disabled, if the buck is going through soft-
start, if INTVCC is below the UVLO threshold, or if the
LTC3376 is in OT.
RT (Pin G5): Timing Resistor Pin for Setting Oscillator
Frequency. This pin provides two modes of setting the
switching frequency when not synchronizing to an exter-
nal clock. Connecting a resistor from RT to GND sets the
switching frequency based on the resistor value. If RT is
tied to INTVCC the default internal 2MHz oscillator is used.
Do not float.
RUN1 (Pin C4): Enable Input for Buck Regulator 1. Active
high. Do not float.
RUN2 (Pin F4): Enable Input for Buck Regulator 2. Active
high. In configurations where the Enable Input for Buck 2
is not used, tie RUN2 to GND. Do not float.
RUN3 (Pin F5): Enable Input for Buck Regulator 3. Active
high. In configurations where the Enable Input for Buck 3
is not used, tie RUN3 to GND. Do not float.
RUN4 (Pin C5): Enable Input for Buck Regulator 4. Active
high. In configurations where the Enable Input for Buck 4
is not used, tie RUN4 to GND. Do not float.
SWA (Pin A2): Switch Node for Power Stage A. External
inductor connects to this pin.
SWB (Pin B1): Switch Node for Power Stage B. External
inductor connects to this pin.
SWC (Pin G1): Switch Node for Power Stage C. External
inductor connects to this pin.
SWD (Pin H2): Switch Node for Power Stage D. External
inductor connects to this pin.
SWE (Pin H7): Switch Node for Power Stage E. External
inductor connects to this pin.
SWF (Pin G8): Switch Node for Power Stage F. External
inductor connects to this pin.
SWG (Pin B8): Switch Node for Power Stage G. External
inductor connects to this pin.
SWH (Pin A7): Switch Node for Power Stage H. External
inductor connects to this pin.
SYNC/MODE (Pin G3): Oscillator Synchronization and
Mode Select Pin. Driving SYNC/MODE with an external
clock signal synchronizes all switches to the applied fre-
quency, and configures the buck converters to operate in
forced continuous mode. Slope compensation automati-
cally adapts to the external clock frequency. The absence
of an external clock signal enables the frequency to be
programmed by the RT pin. When not synchronizing to
an external clock this input determines how the LTC3376
operates at light loads. Connecting this pin to ground
selects Burst Mode operation. Connecting this pin to
INTVCC selects forced continuous mode operation. Do
not float.
TEMP (Pin C7): Temperature Indication Pin. TEMP out-
puts a voltage of 250mV (typical) at 25°C. The TEMP
voltage changes by 10mV/°C (typical) giving an external
indication of the LTC3376 internal die temperature.
VCC (Pin B4): Internal Bias Supply. Bypass to GND with a
4.7µF or larger ceramic capacitor. VCC has to be present
even when the EXTVCC pin is used and must come up
before EXTVCC.
VINA (Pin A3): Input Supply for Power Stage A. Bypass to
PGNDA with a 1µF ceramic capacitor and 10µF or larger
ceramic capacitor.
VINB (Pin C1): Input Supply for Power Stage B. Bypass to
PGNDB with a 1µF ceramic capacitor and 10µF or larger
ceramic capacitor.
VINC (Pin F1): Input Supply for Power Stage C. Bypass to
PGNDC with a 1µF ceramic capacitor and 10µF or larger
ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com