Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC3370
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices LTC3370 Datasheet HTML 23Page - Analog Devices LTC3370 Datasheet HTML 24Page - Analog Devices LTC3370 Datasheet HTML 25Page - Analog Devices LTC3370 Datasheet HTML 26Page - Analog Devices LTC3370 Datasheet HTML 27Page - Analog Devices LTC3370 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC3376
28
Rev 0
For more information www.analog.com
ANALOG DEVICES, INC. 2019
06/19
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC3370/
LTC3371
4-Channel 8A Configurable 1A
Buck DC/DCs
Four Synchronous Buck Regulators with 8× 1A Power Stages. Can Connect Up to Four Power Stages in
Parallel to Make a High Current Output (4A Max) with a Single Inductor. 8 Configurations Possible, Precision
PGOOD Indication. 800mV FB Regulation. LTC3371 Has a Watchdog Timer; Buck 1 Accuracy ±1%, others
±2.5%; LTC3370: 32-Lead 5mm × 5mm QFN. LTC3371: 38-Lead 5mm × 7mm QFN and TSSOP.
LTC3374/
LTC3375
8-Channel Parallelable 1A Buck
DC/DCs
Eight 1A Synchronous Buck Regulators. Can Connect Up to Four Power Stages in Parallel to Make a
High Current Output (4A Max) with a Single Inductor. 15 Configurations Possible. 800mV FB Regulation.
All Bucks ±2.5% Accuracy. LTC3375 Has I2C Programming with a Watchdog Timer and Pushbutton;
LTC3374: 38-Lead 5mm × 7mm QFN and TSSOP, LTC3375: 48-Lead 7mm × 7mm QFN.
LTC3374A
High Accuracy 8-Channel
Parallelable 1A Buck DC/DCs
Eight 1A Synchronous Buck Regulators. Can Connect Up to Four Power Stages in Parallel to Make a
High Current Output (4A Max) with a Single Inductor; 15 Configurations Possible. 800mV FB Regulation.
Buck 1 Accuracy ±1%, Others ±2%; Overvoltage Monitor Included in PGOOD.
LTC3376
PGNDA-H
VINA
7.2V TO 20V
4.7V TO 18V
3.6V TO 13.6V
SWA
SWB
BSTA
INTVCC
VCC
3V TO 20V
4.7µF
4.7µF
10µF
INTVCC_P
TEMP
FB1–
EXTVCC
FB1+
CFG0
RT
SYNC/MODE
GND
5V
3A
22µF
33µF
47µF
68µF
10µF
×2
10µF
×2
10µF
×2
10µF
×2
(3V)
3376 TA02
BSTB
8
VINB
RUN1
IMON1
PGOOD1
RUN2
IMON2
PGOOD2
RUN3
IMON3
PGOOD3
RUN4
IMON4
PGOOD4
VINC
SWC
SWD
BSTC
FB2–
FB2+
3.3V, 3A
Note: 3A includes
input current of Buck 4.
BSTD
VIND
VINE
SWE
SWF
BSTE
FB3–
FB3+
2.5V
3A
BSTF
VINF
VING
SWG
SWH
BSTG
402k
4.99k
4.99k
4.99k
4.99k
FB4–
FB4+
1.8V
3A
680nH
698k
200k
1.5µH
1.05M
200k
2.2µH
1.15M
158k
2.2µH
1.15M
100k
BSTH
VINH
CFG1
CFG2
CFG3
CONFIGURATION 0000
1µF
×2
1µF
×2
1µF
×2
1µF
×2
Four Rail (5V/3.3V/2.5V/1.8V, 3A) System with Bootstrapped EXTVCC Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com