Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC3370
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC3376
18
Rev 0
For more information www.analog.com
OPERATION
Table 1. Master-Slave Program Combinations
(Each Letter Corresponds to a VIN/SW/BST/PGND Pair)
OUTPUT CONFIGURATION
CFG3 CFG2 CFG1 CFG0
BUCK 1
BUCK 2 BUCK 3 BUCK 4
0
0
0
0
AB
CD
EF
GH
0
0
0
1
ABH
CD
EF
G
0
0
1
0
ABH
CDE
F
G
0
0
1
1
ABDH
C
EF
G
0
1
0
0
AB
CDE
-
FGH
0
1
0
1
ABCD
-
EF
GH
0
1
1
0
ABH
-
CDEF
G
0
1
1
1
ABCD
-
-
EFGH
1
0
0
0
ABDEH
C
F
G
1
0
0
1
ABCDH
-
EF
G
1
0
1
0
ABCDE
-
-
FGH
1
0
1
1
ABCDEH
-
F
G
1
1
0
0
ABCDEF
-
-
GH
1
1
0
1
ABCDEFH
-
-
G
1
1
1
0
ABCDEFGH
-
-
-
1
1
1
1
AB
CD
EF
GH
Mode Selection
The buck switching regulators can operate in two different
modes set by the SYNC/MODE pin: Burst Mode (when
the SYNC/MODE pin is set low) and forced continuous
PWM mode (when the SYNC/MODE pin is set high). The
SYNC/MODE pin sets the same operating mode for all
buck switching regulators.
Inforcedcontinuousmode,theoscillatorrunscontinuously
and the buck switch currents are allowed to reverse under
light load conditions to maintain regulation. This mode
allows the buck to run at a fixed frequency with minimal
output ripple, even with zero output load.
InBurstModeoperation,atlightloadstheoutputcapacitor
is charged to a voltage slightly higher than its regulation
point. The regulator then goes into a sleep state, during
which time the output capacitor provides the load current.
In sleep most of the regulator’s circuitry is powered down,
helping conserve input power. When the output capacitor
dropsbelowitsprogrammedvalue,thecircuitryispowered
onandanotherburstcyclebegins.Thesleeptimedecreases
as load current increases. In Burst Mode operation, the
regulator will burst only at light loads. At higher loads it
will operate in constant frequency PWM mode.
Synchronizing the Oscillator to an External Clock
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values
and improves transient response. Operation at lower
frequencies improves efficiency by reducing internal gate
charge losses and allows more extreme VIN to VOUT ratios.
However, this also requires larger inductance values and/
or capacitance to maintain low output voltage ripple. The
LTC3376 has a default operating frequency of 2MHz.
The LTC3376’s internal oscillator can alternatively be
synchronized through an internal PLL circuit to an external
frequency by applying a square wave clock signal to the
MODE/SYNC pin. During synchronization, the top power
device turn-on of buck 2 is locked to 110ns after the ris-
ing edge of the external frequency source. Buck 1 will be
90° out of phase with Buck 2. Buck 4 will be 180° out of
phase with Buck 2. Buck 3 will be 270° out of phase with
Buck 2. When synchronizing to an external clock, the
buck regulators operate in forced continuous mode. The
synchronization frequency range is 1MHz to 3MHz.
After detecting an external clock on the first rising edge
of the SYNC pin, the internal PLL starts at the default
frequency. The internal PLL then requires up to 1ms to
gradually adjust its operating frequency to match the
frequency and phase of the SYNC signal.
WhentheexternalclockisremovedtheLTC3376willdetect
the absence of the external clock, and the oscillator gradu-
ally adjusts its operating frequency back to the default.
Power Failure Reporting Via PGOOD Pins
Power failure conditions are reported back by each buck’s
associated PGOOD pin. Each buck switching regulator has
an internal power good (PGOOD_INT) signal. When the
regulatedoutputvoltageofanenabledswitcherrisesabove
97.75% of its regulation output voltage the PGOOD_INT
signal transitions high. If the regulated output voltage
subsequently falls below 96.75%(typ) of the regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com