Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3370
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices LTC3370 Datasheet HTML 23Page - Analog Devices LTC3370 Datasheet HTML 24Page - Analog Devices LTC3370 Datasheet HTML 25Page - Analog Devices LTC3370 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC3376
22
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
independently to PGNDA-H with a 1µF capacitor as close
to the pins as possible and at least a 10µF capacitor.
Connect each ground of each capacitor to a wide PCB
trace on the top layer of the PCB that connects directly to
the PGND pin and then to the GND plane.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or if there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (underdamped) tank cir-
cuit. If the LTC3376 circuit is plugged in to a live supply,
the input voltage can ring to twice its nominal value, pos-
sibly exceeding the LTC3376’s voltage rating. This situa-
tion is easily avoided (see Linear Technology Application
Note 88).
Table 3. Ceramic Capacitor Manufacturers
VENDOR
URL
AVX
www.avxcorp.com
Murata
www.murata.com
TDK
www.tdk.com
Taiyo Yuden
www.t-yuden.com
Output Capacitor, Output Ripple, and Loop Response
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated at
the LTC3376 SW pins to produce the DC output. In this
role it determines the output ripple. Thus, low imped-
ance at the switching frequency is important. The second
function is to store energy in order to satisfy transient
loads and to stabilize the LTC3376’s control loop. Ceramic
capacitors have very low equivalent series resistance
(ESR) and provide the best ripple performance. For good
starting values, see the Typical Applications. Use X5R or
X7R ceramic capacitors. This choice will provide low out-
put ripple and good transient response.
The LTC3376 is internally compensated and has been
designed to operate at a high bandwidth for fast transient
response capability. The selection of COUT will affect the
bandwidth of the system and the optimal value is given
by the following equation:
COUT = 100 •
(# of power stages)
fSW • VOUT
(11)
where fSW is the switching frequency.
This calculated COUT value is the capacitance required
after voltage and temperature derating. A lower value of
output capacitor can be used to save space and cost but
transient performance will suffer and may cause loop
instability. See the Typical Applications in this data sheet
for suggested capacitor values.
When choosing a capacitor, special attention should be
given to the data sheet to calculate the effective capaci-
tance under the relevant operating conditions of voltage
Table 2. Recommended Inductors
PART NUMBER
L
(µH)
MAX DCR
(mΩ)
CURRENT RATING
(A)
DIMENSIONS
(L × W × H)
VENDOR
XEL4030-102MEB
XFL4020-152MEB
XEL4030-222MEB
XFL4020-472MEB
1
1.5
2.2
4.7
9.78
15.8
22.1
57.4
10.7
9.1
7.8
5
4mm × 4mm × 3.1mm
4.3mm × 4.3mm × 2.1mm
4mm × 4mm × 3.1mm
4.3mm × 4.3mm × 2.1mm
Coilcraft
www.coilcraft.com
744383360068
74438357010
74404042015
74439344022
0.68
1
1.5
2.2
27
13.5
31
10.5
4.5
7.4
2.95
8
3mm × 3mm × 2mm
4.1mm × 4.1mm × 3.1mm
4mm × 4mm × 1.8mm
6.65mm × 6.65mm × 3.3mm
Wurth Electronics Inc.
www.we-online.com
PCMB042T-1R0MS
PCMB053T-1R5MS
1
1.5
27
20
4.5
6
4.15mm × 4mm × 1.8mm
4.7mm × 4.85mm × 2.8mm
Susumu
www.susumu-usa.com
FDSD0420-H-R68M=P3
FDSD0420D-1R0M=P3
FDSD0420D-2R2M=P3
0.68
1
2.2
22
29
47
6.5
5.1
3.6
4.2mm × 4.2mm × 2mm
4.2mm × 4.2mm × 2mm
4.2mm × 4.2mm × 2mm
Murata
www.murata.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com