Electronic Components Datasheet Search
  English  ▼

X  

AP0201AT Datasheet(PDF) 4 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 4 Page - ON Semiconductor

  AP0201AT Datasheet HTML 1Page - ON Semiconductor AP0201AT Datasheet HTML 2Page - ON Semiconductor AP0201AT Datasheet HTML 3Page - ON Semiconductor AP0201AT Datasheet HTML 4Page - ON Semiconductor AP0201AT Datasheet HTML 5Page - ON Semiconductor AP0201AT Datasheet HTML 6Page - ON Semiconductor AP0201AT Datasheet HTML 7Page - ON Semiconductor AP0201AT Datasheet HTML 8Page - ON Semiconductor AP0201AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AP0201AT
www.onsemi.com
4
SYSTEM INTERFACES
Figure 3 shows typical AP0201AT device connections.
All power supply rails must be decoupled from ground
using capacitors as close as possible to the package.
The AP0201AT signals to the sensor and host interfaces
can be at different supply voltage levels to optimize power
consumption and maximize flexibility. Table 3 on page 5
provides the signal descriptions for the AP0201AT.
GND
Sensor IO
power
1.8 V
(Regulator IP)
1.2 V (Regulator OP)
Power up Core and PLL
PHY
power
OTP
power
HOST IO
power
OR
M_SCLK
VDDIO_S
M_SDATA
EXTCLK_OUT
RESET_BAR_OUT
FV_IN
LV_IN
PIXCLK_IN
DIN[11:0]
HISPICN
HISPICP
HISPI0N
HISPI0P
HISPI1N
HISPI1NP
TRIGGER_OUT
EXTCLK
STANDBY
TRST_BAR
VDDIO_H
SCLK
SDATA
SADDR
RESET_BAR
FRAME_SYNC
XTAL
PHY_RESET_BAR
SPI_CS_BAR
GTX_CLK
SPI_SCLK
SPI_SDO
SPI_SDI
GPIO[6:0]
EXT_REG
RESERVED[1:0]
MDC
MDIO
TX_CLK
TX_EN
TXD[7:0]
TX_ERR
RX_CLK
CRS_DV
RX_ERR
RXD[7:0]
VDDIO_S
(Note 6)
VDD_REG
(Note 4)
LDO_OP
(Note 4)
VDDIO_OTPM
VDDIO_H
NOTES: 1. This typical configuration shows only one scenario out of multiple possible variations for this device.
2. ON Semiconductor recommends a 1.5 kW resistor value for the two−wire serial interface RPULL−UP.
3. RESET_BAR has an internal pull−up resistor and can be left floating if not used.
4. The decoupling capacitors for the regulator input and output should have a value of 1.0 mF. The capacitors should be ceramic
and need to have X5R or X7R dielectric.
5. TRST and RESERVED[0] connect to GND for normal operation, RESERVED[3:2] are floating and RESERVED[1] is connected
to VDDIO_H for normal operation.
6. ON Semiconductor recommends that 0.1 mF and 1 mF decoupling capacitors for each power supply are mounted as close as
possible to the pin. Actual values and numbers may vary depending on layout and design consideration.
Figure 3. Typical Ethernet Configuration
Ethernet MAC Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com