Electronic Components Datasheet Search
  English  ▼

X  

AP0201AT Datasheet(PDF) 28 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AP0201AT Datasheet HTML 23Page - ON Semiconductor AP0201AT Datasheet HTML 24Page - ON Semiconductor AP0201AT Datasheet HTML 25Page - ON Semiconductor AP0201AT Datasheet HTML 26Page - ON Semiconductor AP0201AT Datasheet HTML 27Page - ON Semiconductor AP0201AT Datasheet HTML 28Page - ON Semiconductor AP0201AT Datasheet HTML 29Page - ON Semiconductor AP0201AT Datasheet HTML 30Page - ON Semiconductor AP0201AT Datasheet HTML 31Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
AP0201AT
www.onsemi.com
28
Table 20. STANDBY CURRENT CONSUMPTION
(Default Setup Conditions: fEXTCLK = 27 MHz, VDD_REG = 1.8 V, VDDIO_H not included in measurement, VDDIO_S = 1.8 V,
VDDIO_OTPM = 2.8 V, VDD_PHY = 2.8 V, TA = 105°C unless otherwise stated)
Parameter
Condition
Typ
Max
Unit
IDD_REG
1.50
1.91
mA
IDDIO_S
0.19
0.24
mA
IDDIO_H
1.20
1.52
mA
IDDIO_OTPM
0.18
0.23
mA
IDDIO_PHY
0.00
0.00
mA
Total Standby Power
7.46
94.7
mW
Total Standby Power
tEXTCLK = 27 MHz
3.50
mA
Table 21. INRUSH CURRENT
Supply
Voltage
Typ
Max
Unit
VDDIO_H
2.8/3.3
140
190
mA
VDDIO_S
1.8
90
105
mA
VDDIO_S
2.8
130
180
mA
VDDIO_OTPM
2.8/3.3
140
160
mA
VDDIO_PHY
180
180
mA
Table 22. OPERATING CURRENT CONSUMPTION − SENSOR PARALLEL OUTPUT
(Default Setup Conditions: fEXTCLK = 27 MHz, VDD_REG = 1.8 V, VDDIO_H not included in measurement, VDDIO_S = 1.8 V,
VDDIO_OTPM = 2.5 V, VDD_PHY = 2.5 V, TA = 105°C unless otherwise noted)
Symbol
Conditions
Min
Typ
Max
Unit
VDD_REG
MJPEG
85
108
mA
H.264
110
140
mA
VDDIO_S
MJPEG
3
4
mA
H.264
3
4
mA
VDDIO_H
MJPEG
35
mA
H.264
35
mA
VDDIO_OTPM
MJPEG
0.2
0.3
mA
H.264
0.2
0.3
mA
VDD_PHY
MJPEG
0
0
mA
H.264
0
0
mA
Total power consumption
MJPEG
159
202
mW
H.264
204
259
mW
Table 23. OPERATING CURRENT CONSUMPTION − SENSOR HISPI OUTPUT
(Default Setup Conditions: fEXTCLK = 27 MHz, VDD_REG = 1.8 V, VDDIO_H not included in measurement, VDDIO_S = 1.8 V,
VDDIO_OTPM = 2.5 V, VDD_PHY = 2.5 V, TA = 105°C unless otherwise stated)
Symbol
Conditions
Min
Typ
Max
Unit
IDDIO_REG
H.264
110
140
mA
IDDIO_S
H.264
3
4
mA
IDDIO_H
H.264
35
mA
IDDIO_OTPM
H.264
0.2
0.3
mA
IDD_PHY
H.264
0.3
0.4
mA
Total power consumption
H.264
212
270
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com