Electronic Components Datasheet Search
  English  ▼

X  

AP0201AT Datasheet(PDF) 27 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AP0201AT Datasheet HTML 23Page - ON Semiconductor AP0201AT Datasheet HTML 24Page - ON Semiconductor AP0201AT Datasheet HTML 25Page - ON Semiconductor AP0201AT Datasheet HTML 26Page - ON Semiconductor AP0201AT Datasheet HTML 27Page - ON Semiconductor AP0201AT Datasheet HTML 28Page - ON Semiconductor AP0201AT Datasheet HTML 29Page - ON Semiconductor AP0201AT Datasheet HTML 30Page - ON Semiconductor AP0201AT Datasheet HTML 31Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AP0201AT
www.onsemi.com
27
Input Clocks
Table 17. INPUT CLOCKS
Clock
Min (MHz)
Typical (MHz)
Max (MHz)
Description
EXTCLK
10 − osc
20 − xtal
27
29
Primary system clock. Drives PLLs. Crystal frequency range is
20 − 29 MHz, otherwise 10 − 29 MHz.
PIXCLK_IN
10
74.25
80
Clock for parallel input bus (from sensor).
HISPI_CLK
30
300
Clock for HISPI image data receiver.
Output Clocks
Table 18. OUTPUT CLOCKS
Clock
Min (MHz)
Typical (MHz)
Max (MHz)
Description
MCLK
10
27
29
Primary clock to sensor. Equals EXTCLK.
GTX_CLK
18
74.25/25
80/125
Clock of parallel output bus.
If pad voltage is 1.8 V nominal, then max frequency is 80 MHz.
If 2.5 V or 3.3 V, then 125 MHz. See electrical specs.
SPI_CLK
1
20
SPI clock to nonvolatile external memory.
Figure 16. Frame_Sync Diagram
FRAME_SYNC
TRIGGER_OUT
FV_OUT
t_FRAMESYNC
t_TRIGGER_PROP
t_FRMSYNC_FVH
Table 19. TRIGGER TIMING
Parameter
Name
Conditions
Min
Typ
Max
Unit
FRAME_SYNC to FV_OUT
tFRMSYNC_FVH
8 lines + exposure
time + sensor delay
−
−
Lines
FRAME_SYNC to
TRIGGER_OUT
tTRIGGER_PROP
−
−
30
ns
tFRAME_SYNC
tFRAMESYNC
3
−
−
EXTCLK
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com