Electronic Components Datasheet Search
  English  ▼

X  

AP0201AT Datasheet(PDF) 1 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 1 Page - ON Semiconductor

  AP0201AT Datasheet HTML 1Page - ON Semiconductor AP0201AT Datasheet HTML 2Page - ON Semiconductor AP0201AT Datasheet HTML 3Page - ON Semiconductor AP0201AT Datasheet HTML 4Page - ON Semiconductor AP0201AT Datasheet HTML 5Page - ON Semiconductor AP0201AT Datasheet HTML 6Page - ON Semiconductor AP0201AT Datasheet HTML 7Page - ON Semiconductor AP0201AT Datasheet HTML 8Page - ON Semiconductor AP0201AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2019 − Rev. 5
1
Publication Order Number:
AP0201AT/D
AP0201AT High-Dynamic
Range (HDR) Image Signal
Processor (ISP)
AP0201AT
GENERAL DESCRIPTION
ON Semiconductor’s AP0201AT Image Signal Processor (ISP) is
optimized for use with HDR (High Dynamic Range) sensors. The
AP0201AT provides full auto−functions support (AWB and AE) and
ALTM (Adaptive Local Tone Mapping) to enhance HDR images and
advanced noise reduction which enables excellent low−light
performance.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Value
Image Sensor Interfaces
Parallel and HiSPi
Input Data Format
Parallel: 12−bit SDR (linear) or 12−bit
HDR companded
HiSPI: 12−bit SDR (linear) or 12/14−bit
HDR companded
Output Interface
Ethernet−MII, RMII, GMII
Output Format
H.264, MJPEG
Maximum Resolution
1920×1080 (2.0 Mp)
Input Clock Range
10−29 MHz
Maximum Frame Rate
1080p30, 960p45 and 720p60
Output Ethernet Data Rate
Mll: 100 Mb/S
RMII: 100 Mb/s
GMII: 1 Gb/S at 2.5 V or higher
IO voltage
Supply Voltage
VDDIO_S
1.8 or 2.8 V
nominal
VDDIO_H
1.8 or 2.8 or 3.3 V
nominal
VDD_REG
1.8 V nominal
VDD
1.2 V nominal
VDD_PLL
1.2 V nominal
VDD_PHY
2.8 V nominal
VDDIO_OTPM
2.5 to 3.3 V
nominal
Operating Temperature
−40°C to +105°C
Power Consumption
159 mW (Note 1)
1. Refer to Table 22 and Table 23 for operating currents.
Features
• Up to 2.0 Mp (1920 x 1080) ON Semiconductor Sensor Support
• 30 fps at 1080 p, 45 fps at 1.2 Mp, 60 fps at 720p
(Optimized for Operation with HDR Sensors)
• Color and Gamma Correction
www.onsemi.com
VFBGA100, 7x7
CASE 138AH
MARKING DIAGRAM
XXXXXXXXXXX
= Laser Marking
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
• Auto Exposure, Auto White Balance,
50/60 Hz Auto Flicker Detection and
Avoidance
• Adaptive Local Tone Mapping (ALTM)
• Configurable through Low−cost SPI Flash
and EEPROM Devices
• Up to 7 GPIO
• Fail−Safe IO
• Multi−Camera Synchronization Support
• MJPEG Encoding (8−bit)
• H.264 Encoding (8 and 10 bit intra−frame)
• Integrated Full−duplex Ethernet MAC
• Precise Timing Protocol (PTP): IEEE
802.1AS and 1588−2008
• IEEE 802.1Qav (Annex L Configurable
Video Bandwidth)
• AVB (IEEE1722) and RTP Video
Transport Protocol


Similar Part No. - AP0201AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001 Datasheet
174Kb / 12P
SUGGESTED PAD LAYOUT
AP02001 Rev. 38
AP02001 DIODES-AP02001 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
AP02001 DIODES-AP02001 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
AP02001 DIODES-AP02001_1 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
AP02001 DIODES-AP02001_12 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
More results

Similar Description - AP0201AT

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
Wide Dynamic Range Image Reject MOPLL
logo
List of Unclassifed Man...
CEM3391 ETC-CEM3391 Datasheet
249Kb / 2P
Controllable Dynamic Signal Processor
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
Digital Image Signal Processor (ISP) for Security Camera System
logo
Analog Devices
SSM2120 AD-SSM2120_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
logo
ON Semiconductor
AP0202AT ONSEMI-AP0202AT Datasheet
1Mb / 54P
High-Dynamic Range Image Signal Processor
Rev. 4, 9/15 EN
AP0100CS ONSEMI-AP0100CS Datasheet
3Mb / 73P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 6, 1/16 EN
AP0101CS ONSEMI-AP0101CS Datasheet
2Mb / 42P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 7, 1/16 EN
logo
Melexis Microelectronic...
MLX75411 MELEXIS-MLX75411 Datasheet
859Kb / 2P
154dB High Dynamic Range (HDR) Automotive CMOS Image Sensors
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
Automotive 1.3 megapixel high-dynamic range image sensor
22-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com