Electronic Components Datasheet Search
  English  ▼

X  

AP0201AT Datasheet(PDF) 25 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AP0201AT Datasheet HTML 21Page - ON Semiconductor AP0201AT Datasheet HTML 22Page - ON Semiconductor AP0201AT Datasheet HTML 23Page - ON Semiconductor AP0201AT Datasheet HTML 24Page - ON Semiconductor AP0201AT Datasheet HTML 25Page - ON Semiconductor AP0201AT Datasheet HTML 26Page - ON Semiconductor AP0201AT Datasheet HTML 27Page - ON Semiconductor AP0201AT Datasheet HTML 28Page - ON Semiconductor AP0201AT Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AP0201AT
www.onsemi.com
25
RMII I/O Timing
TX_CLK
TXD
tsetup_txd
thold_txd
RX_CLK
RXD
tsetup_rxd
thold_rxd
Figure 14. RMII I/O Timing Diagram
Table 14. RMII I/O TIMING CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Max
Unit
Freq
TX_CLK and RX_CLK Input clocks
1.8 V to 3.3 V, 25 pF load
50 − 110 ppm
50 + 110 ppm
MHz
tsetup_txd
TXD[1:0], TX_ERR, TX_EN setup to
TX_CLK input rise
1.8 V to 3.3 V, 25 pF load
4.0
ns
thold_txd
TXD[1:0], TX_ERR, TX_EN hold from
TX_CLK input rise
1.8 V to 3.3 V, 25 pF load
2.0
ns
tsetup_rxd
RXD[1:0], RX_ERR, CRS_DV setup to
RX_CLK input rise
1.8 V to 3.3 V
4.0
ns
thold_rxd
RXD[1:0], RX_ERR, CRS_DV hold from
RX_CLK input rise
1.8 V to 3.3 V
2.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com