Electronic Components Datasheet Search
  English  ▼

X  

AP0201AT Datasheet(PDF) 8 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AP0201AT Datasheet HTML 4Page - ON Semiconductor AP0201AT Datasheet HTML 5Page - ON Semiconductor AP0201AT Datasheet HTML 6Page - ON Semiconductor AP0201AT Datasheet HTML 7Page - ON Semiconductor AP0201AT Datasheet HTML 8Page - ON Semiconductor AP0201AT Datasheet HTML 9Page - ON Semiconductor AP0201AT Datasheet HTML 10Page - ON Semiconductor AP0201AT Datasheet HTML 11Page - ON Semiconductor AP0201AT Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
AP0201AT
www.onsemi.com
8
POWER−UP SEQUENCE
Powering up the AP0201AT requires voltages to be
applied in a particular order, as seen in Figure 5. The timing
requirements are shown below. The AP0201AT includes a
power−on reset feature that initiates a reset upon power up.
dv/dt
VDDIO_H
VDD_REG
EXTCLK
SCLK
SDATA
VDDIO_S, VDDIO_OTPM,
VDD_PHY(when using HiSPi)
dv/dt
dv/dt
t1
t2
t3
t4
t5
t6
t7
Figure 5. Power−Up and Power−Down Sequence
Table 6. POWER−UP AND POWER−DOWN SIGNAL TIMING
Symbol
Parameter
Min
Typ
Max
Unit
t1
Delay from VDDIO_H to VDDIO_S, VDDIO_OTPM, VDD_PHY
(when using HiSPi)
0
−
50
ms
t2
Delay from VDDIO_H to VDD_REG
0
−
50
ms
t3
EXTCLK activation
t2+1
−
−
ms
t4
First serial command (Note 4)
100
−
−
EXTCLK cycles
t5
EXTCLK cutoff
t6
−
−
ms
t6
Delay from VDD_REG to VDDIO_H
0
−
50
ms
t7
Delay from VDDIO_S, VDDIO_OTPM, VDD_PHY (when using
HiSPi) to VDDIO_H
0
−
50
ms
dv/dt
Power supply ramp time (slew rate)
−
−
0.1
V/ms
4. When using XTAL the settling time should be taken into account.
RESET AND STANDBY MODES
Reset
The AP0201AT has three types of reset available:
• A hard reset is issued by toggling the RESET_BAR
signal.
• A soft reset is issued by writing commands through
the Ethernet interface.
• An internal power−on reset.
Table 7 shows the output states when the part is in various
states.
Table 7. OUTPUT STATES
Name
Hardware States
Firmware States
Notes
Reset State
Default
State
Hard
Standby
Soft
Standby
Streaming
Idle
EXTCLK
(clock running
or stopped)
(clock running)
(clock running
or stopped)
(clock running)
(clock running)
(clock running)
Input
XTAL
n/a
n/a
n/a
n/a
n/a
n/a
Output
RESET_BAR
(asserted)
(negated)
(negated)
(negated)
(negated)
(negated)
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com