Electronic Components Datasheet Search
  English  ▼

X  

AP0201AT Datasheet(PDF) 7 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AP0201AT Datasheet HTML 3Page - ON Semiconductor AP0201AT Datasheet HTML 4Page - ON Semiconductor AP0201AT Datasheet HTML 5Page - ON Semiconductor AP0201AT Datasheet HTML 6Page - ON Semiconductor AP0201AT Datasheet HTML 7Page - ON Semiconductor AP0201AT Datasheet HTML 8Page - ON Semiconductor AP0201AT Datasheet HTML 9Page - ON Semiconductor AP0201AT Datasheet HTML 10Page - ON Semiconductor AP0201AT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AP0201AT
www.onsemi.com
7
Table 3. PIN DESCRIPTIONS (continued)
Name
Description
Type
VDD_REG
Supply
Input to on−chip 1.8 V to 1.2 V regulator.
LDO_OP
Output
Output from on chip 1.8 V to 1.2 V regulator.
FB_SENSE
Input
On−chip regulator sense signal.
Table 4. PACKAGE PINOUT
1
2
3
4
5
6
7
8
9
10
A
Reserved[0]
VDDIO_H
M_SDATA
DIN0
VDD
DIN5
DIN10
LV_IN
VDDIO_S
FV_IN
B
SCLK
GPIO_6
EXTCLK_OUT
M_SCLK
DIN1
DIN4
DIN9
DIN11
HiSPi1N
HiSPi1P
C
SPI_SCLK
Reserved[1]
(Note 2)
SDATA
GPIO_5
TRIGGER_
OUT/
GPIO_0
DIN3
DIN8
PIXCLK_IN
HiSPiCN
HiSPiCP
D
SPI_SDO
SPI_SDI
SPI_CS_BAR
SADDR
RESET_
BAR_OUT
DIN2
DIN7
VDD_PHY
HiSPi0N
HiSPi0P
E
VDD
GPIO_1
STANDBY
GND
GND
GND
DIN6
GND
GND
VDDIO_H
F
VDDIO_
OTMP
GPIO_2
GPIO_3
RESET_
BAR
GND
GND
GND
EXTCLK
XTAL
VDD
G
TRST
GPIO_4
FRAME_SYNC
RX_CLK
RXD6
RXD2
TXD5
EXT_REG
ENLDO
VDD_PLL
H
PHY_RESET_
BAR
TX_CLK
MDIO
RX_ERR
RXD4
TX_ERR
TXD6
TXD2
FB_SENSE
VDD_REG
J
GTX_CLK
Reserved[3]
CRS_DV
RXD7
RXD3
RXD0
TXD7
TXD3
TXD0
LDO_OP
K
Reserved[2]
VDDIO_H
MDC
RXD5
VDD
RXD1
TX_EN
TXD4
TXD1
GND
1. Pin K1 and J2 should be left floating.
2. Pin C2 needs to be tied to VDDIO_H in all applications.
3. A1 to be tied to ground.
ON−CHIP REGULATOR
The AP0201AT has an on−chip regulator, the output from
the regulator is 1.2V and should only be used to power up the
AP0201AT. It is possible to bypass the regulator and provide
power to the relevant pins that need 1.2 V. The following
table summarizes the key signals when using/bypassing the
regulator.
Table 5. KEY SIGNALS WHEN USING THE REGULATOR
Signal Name
Internal Regulator
External Regulator
VDD_REG
1.8 V
Connect to VDDIO_H
ENLDO
Connect to 1.8 V (VDD_REG)
GND
FB_SENSE
1.2 V (input)
Float
LDO_OP
1.2 V (output)
Float
EXT_REG
GND
Connect to VDDIO_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com