Electronic Components Datasheet Search
  English  ▼

X  

AP0201AT Datasheet(PDF) 23 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AP0201AT Datasheet HTML 19Page - ON Semiconductor AP0201AT Datasheet HTML 20Page - ON Semiconductor AP0201AT Datasheet HTML 21Page - ON Semiconductor AP0201AT Datasheet HTML 22Page - ON Semiconductor AP0201AT Datasheet HTML 23Page - ON Semiconductor AP0201AT Datasheet HTML 24Page - ON Semiconductor AP0201AT Datasheet HTML 25Page - ON Semiconductor AP0201AT Datasheet HTML 26Page - ON Semiconductor AP0201AT Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AP0201AT
www.onsemi.com
23
STRICT
LIABILITY,
OR
TORT
(INCLUDING
NEGLIGENCE OR OTHERWISE) ARISING IN ANY
WAY OUT OF THE USE OF THIS SOFTWARE, EVEN IF
ADVISED OF THE POSSIBILITY OF SUCH DAMAGE.
The views and conclusions contained in the software and
documentation are those of the authors and should not be
interpreted as representing official policies, either expressed
or implied, of the FreeBSD Project.
SPECIFICATIONS
Caution: Stresses greater than those listed in Table 11
may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at these
or any other conditions above those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Table 11. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Min
Max
Digital power (VDD_REG)
−0.3
4.95
V
Host I/O power (VDDIO_H)
1.7
4.95
V
Sensor I/O power (VDDIO_S)
1.7
4.2
V
PLL power (VDD_PLL)
1.1
1.8
V
Digital core power (VDD)
1.1
1.8
V
OTPM power (VDDIO_OTPM)
2.25
4.95
V
HiSPi power (VDDIO_PHY)
2.6
4.2
V
DC Input Voltage
−0.3
VDDIO_*+0.3
V
DC Output Voltage
−0.3
VDDIO_*+0.3
V
Storage Temperature
−50
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 12. ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
Parameter
Min
Typ
Max
Unit
Supply input to on−chip regulator (VDD_REG)
−0.3
1.8
1.89
V
Host I/O voltage (VDDIO_H)
1.71
1.8/2.8/3.3
3.46
V
Sensor I/O voltage (VDDIO_S)
1.71
1.8/2.8
2.94
V
Core voltage (VDD)
1.14
1.2
1.26
V
PLL voltage (VDD_PLL)
1.14
1.2
1.26
V
HiSPi PHY voltage (VDD_PHY)
2.66
2.8
2.94
V
OTPM power supply (VDDIO_OTPM)
2.38
2.5/3.3
3.47
V
Functional operating temperature (ambient − TA)
−40
105
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com