Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 52 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 52 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 48Page - Texas Instruments XIO2000AZZZ Datasheet HTML 49Page - Texas Instruments XIO2000AZZZ Datasheet HTML 50Page - Texas Instruments XIO2000AZZZ Datasheet HTML 51Page - Texas Instruments XIO2000AZZZ Datasheet HTML 52Page - Texas Instruments XIO2000AZZZ Datasheet HTML 53Page - Texas Instruments XIO2000AZZZ Datasheet HTML 54Page - Texas Instruments XIO2000AZZZ Datasheet HTML 55Page - Texas Instruments XIO2000AZZZ Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 165 page
background image
Feature/Protocol Descriptions
43
April 2007 Revised October 2008
SCPS155C
SDA
SCL
Start
Condition
Stop
Condition
Change of
Data Allowed
Data Line Stable,
Data Valid
Figure 3−15. Serial-Bus Start/Stop Conditions and Bit Transfers
Data is transferred serially in 8-bit bytes. During a data transfer operation, the exact number of bytes that are
transmitted is unlimited. However, each byte must be followed by an acknowledge bit to continue the data
transfer operation. An acknowledge (ACK) is indicated by the data byte receiver pulling the SDA signal low,
so that it remains low during the high state of the SCL signal. Figure 3−16 illustrates the acknowledge protocol.
SCL From
Master
123
78
9
SDA Output
By Transmitter
SDA Output
By Receiver
Figure 3−16. Serial-Bus Protocol Acknowledge
The bridge performs three basic serial-bus operations: single byte reads, single byte writes, and multibyte
reads. The single byte operations occur under software control. The multibyte read operations are performed
by the serial EEPROM initialization circuitry immediately after a PCI Express reset. See Section 3.10.3,
Serial-Bus EEPROM Application, for details on how the bridge automatically loads the subsystem
identification and other register defaults from the serial-bus EEPROM.
Figure 3−17 illustrates a single byte write. The bridge issues a start condition and sends the 7-bit slave device
address and the R/W command bit is equal to 0b. A 0b in the R/W command bit indicates that the data transfer
is a write. The slave device acknowledges if it recognizes the slave address. If no acknowledgment is received
by the bridge, then bit 1 (SB_ERR) is set in the serial-bus control and status register (PCI offset B3h, see
Section 4.58). Next, the EEPROM word address is sent by the bridge, and another slave acknowledgment
is expected. Then the bridge delivers the data byte MSB first and expects a final acknowledgment before
issuing the stop condition.
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
S/P = Start/Stop Condition
A = Slave Acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
A
P
Data Byte
Figure 3−17. Serial-Bus Protocol—Byte Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com