Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 56 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 56 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 52Page - Texas Instruments XIO2000AZZZ Datasheet HTML 53Page - Texas Instruments XIO2000AZZZ Datasheet HTML 54Page - Texas Instruments XIO2000AZZZ Datasheet HTML 55Page - Texas Instruments XIO2000AZZZ Datasheet HTML 56Page - Texas Instruments XIO2000AZZZ Datasheet HTML 57Page - Texas Instruments XIO2000AZZZ Datasheet HTML 58Page - Texas Instruments XIO2000AZZZ Datasheet HTML 59Page - Texas Instruments XIO2000AZZZ Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 165 page
background image
Feature/Protocol Descriptions
47
April 2007 Revised October 2008
SCPS155C
If the bridge is the target of a PCI transaction that is forwarded to the PCI Express interface and a data parity
error is detected, then this information is passed to the PCI Express interface. To do this, the bridge sets the
EP bit in the upstream PCI Express header.
3.13 General-Purpose I/O Interface
Up to eight general-purpose input/output (GPIO) terminals are provided for system customization. These
GPIO terminals are 3.3-V tolerant.
The exact number of GPIO terminals varies based on implementing the clock run, power override, and serial
EEPROM interface features. These features share four of the eight GPIO terminals. When any of the three
shared functions are enabled, the associated GPIO terminal is disabled.
All eight GPIO terminals are individually configurable as either inputs or outputs by writing the corresponding
bit in the GPIO control register at offset B4h. A GPIO data register at offset B6h exists to either read the logic
state of each GPIO input or to set the logic state of each GPIO output. The power-up default state for the GPIO
control register is input mode.
3.14 Set Slot Power Limit Functionality
The PCI Express Specification provides a method for devices to limit internal functionality and save power
based on the value programmed into the captured slot power limit scale (CSPLS) and capture slot power limit
value (CSPLV) fields of the PCI Express device capabilities register at offset 94h. See Section 4.49, Device
Capabilities Register, for details. The bridge writes these fields when a set slot power limit message is received
on the PCI Express interface.
After the deassertion of PERST, the bridge compares the information in the CSPLS and CSPLV fields of the
device capabilities register with the minimum power scale (MIN_POWER_SCALE) and minimum power value
(MIN_POWER_VALUE) fields in the general control register at offset D4h. See Section 4.65, General Control
Register, for details. If the CSPLS and CSPLV fields are less than the MIN_POWER_SCALE and
MIN_POWER_VALUE fields, respectively, then the bridge takes the appropriate action that is defined below.
The power usage action is programmable within the bridge. The general control register includes a 3-bit
PWR_OVRD field. This field is programmable to the following five options:
1.
Ignore slot power limit fields
2.
Assert the PWR_OVRD terminal (U05)
3.
Disable secondary clocks as specified by the clock mask register at offset D9h.
4.
Disable secondary clocks as specified by the clock mask register and assert the PWR_OVRD terminal
5.
Respond with unsupported request to all transactions except type 0/1 configuration transactions and set
slot power limit messages
3.15 PCI Express and PCI Bus Power Management
The bridge supports both software-directed power management and active state power management through
standard PCI configuration space. Software-directed registers are located in the power management
capabilities structure located at offset 50h. Active state power management control registers are located in
the PCI Express capabilities structure located at offset 90h.
During software-directed power management state changes, the bridge initiates link state transitions to L1 or
L2/L3 after a configuration write transaction places the device in a low power state. The power management
state machine is also responsible for gating internal clocks based on the power state. Table 3−15 identifies
the relationship between the D-states and bridge clock operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com