Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 87 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 87 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 83Page - Texas Instruments XIO2000AZZZ Datasheet HTML 84Page - Texas Instruments XIO2000AZZZ Datasheet HTML 85Page - Texas Instruments XIO2000AZZZ Datasheet HTML 86Page - Texas Instruments XIO2000AZZZ Datasheet HTML 87Page - Texas Instruments XIO2000AZZZ Datasheet HTML 88Page - Texas Instruments XIO2000AZZZ Datasheet HTML 89Page - Texas Instruments XIO2000AZZZ Datasheet HTML 90Page - Texas Instruments XIO2000AZZZ Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 165 page
background image
Classic PCI Configuration Space
78
April 2007 Revised October 2008
SCPS155C
4.58 Serial-Bus Control and Status Register
The serial-bus control and status register controls the behavior of the serial-bus interface. This register also
provides status information about the state of the serial bus. See Table 4−32 for a complete description of the
register contents.
PCI register offset:
B3h
Register type:
Read-only, Read/Write, Read/Clear
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4−32. Serial-Bus Control and Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7†
PROT_SEL
RW
Protocol select. This bit selects the serial-bus address mode used.
0 = Slave address and word address are sent on the serial-bus (default)
1 = Only the slave address is sent on the serial-bus
6
RSVD
R
Reserved. Returns 0b when read.
5†
REQBUSY
RU
Requested serial-bus access busy. This bit is set when a software-initiated serial-bus cycle is in
progress.
0 = No serial-bus cycle
1 = Serial-bus cycle in progress
4†
ROMBUSY
RU
Serial EEPROM access busy. This bit is set when the serial EEPROM circuitry in the bridge is
downloading register defaults from a serial EEPROM.
0 = No EEPROM activity
1 = EEPROM download in progress
3†
SBDETECT
RWU
Serial EEPROM detected. This bit enables the serial-bus interface. The value of this bit controls
whether the GPIO4//SCL and GPIO5//SDA terminals are configured as GPIO signals or as
serial-bus signals. This bit is automatically set to 1b when a serial EEPROM is detected.
Note: A serial EEPROM is only detected once following PERST.
0 = No EEPROM present, EEPROM load process does not happen. GPIO4//SCL and
GPIO5//SDA terminals are configured as GPIO signals.
1 = EEPROM present, EEPROM load process takes place. GPIO4//SCL and GPIO5//SDA
terminals are configured as serial-bus signals.
2†
SBTEST
RW
Serial-bus test. This bit is used for internal test purposes. This bit controls the clock source for the
serial interface clock.
0 = Serial-bus clock at normal operating frequency ~ 60 kHz (default)
1 = Serial-bus clock frequency increased for test purposes ~ 4 MHz
1†
SB_ERR
RCU
Serial-bus error. This bit is set when an error occurs during a software-initiated serial-bus cycle.
0 = No error
1 = Serial-bus error
0†
ROM_ERR
RCU
Serial EEPROM load error. This bit is set when an error occurs while downloading registers from a
serial EEPROM.
0 = No error
1 = EEPROM load error
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com