Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 72 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 72 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 68Page - Texas Instruments XIO2000AZZZ Datasheet HTML 69Page - Texas Instruments XIO2000AZZZ Datasheet HTML 70Page - Texas Instruments XIO2000AZZZ Datasheet HTML 71Page - Texas Instruments XIO2000AZZZ Datasheet HTML 72Page - Texas Instruments XIO2000AZZZ Datasheet HTML 73Page - Texas Instruments XIO2000AZZZ Datasheet HTML 74Page - Texas Instruments XIO2000AZZZ Datasheet HTML 75Page - Texas Instruments XIO2000AZZZ Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 165 page
background image
Classic PCI Configuration Space
63
April 2007 Revised October 2008
SCPS155C
Table 4−17. Bridge Control Register Description (Continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
2
ISA
RW
ISA enable. This bit modifies the response by the bridge to ISA I/O addresses. This applies only to
I/O addresses that are enabled by the I/O base and I/O limit registers and are in the first 64 KB of
PCI I/O address space (0000 0000h to 0000 FFFFh). If this bit is set, then the bridge blocks any
forwarding from primary to secondary of I/O transactions addressing the last 768 bytes in each
1 KB block. In the opposite direction (secondary to primary), I/O transactions are forwarded if they
address the last 768 bytes in each 1K block.
0 = Forward downstream all I/O addresses in the address range defined by the I/O base and
I/O limit registers (default)
1 = Forward upstream ISA I/O addresses in the address range defined by the I/O base and I/O
limit registers that are in the first 64 KB of PCI I/O address space (top 768 bytes of each
1-KB block)
1
SERR_EN
RW
SERR enable. This bit controls forwarding of system error events from the secondary interface to
the primary interface. The bridge forwards system error events when:
• This bit is set
• Bit 8 (SERR_ENB) in the command register (offset 04h, see Section 4.3) is set
• SERR is asserted on the secondary interface
0 = Disable the forwarding of system error events (default)
1 = Enable the forwarding of system error events
0
PERR_EN
RW
Parity error response enable. Controls the bridge’s response to data, uncorrectable address, and
attribute errors on the secondary interface. Also, the bridge always forwards data with poisoning,
from conventional PCI to PCI Express on an uncorrectable conventional PCI data error, regardless
of the setting of this bit.
0 = Ignore uncorrectable address, attribute, and data errors on the secondary interface
(default)
1 = Enable uncorrectable address, attribute, and data error detection and reporting on the
secondary interface
4.30 Capability ID Register
This read-only register identifies the linked list item as the register for PCI power management. The register
returns 01h when read.
PCI register offset:
50h
Register type:
Read-only
Default value:
01h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
4.31 Next Item Pointer Register
The contents of this read-only register indicate the next item in the linked list of capabilities for the bridge. This
register reads 60h pointing to the MSI capabilities registers.
PCI register offset:
51h
Register type:
Read-only
Default value:
60h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com