Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 57 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 57 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 53Page - Texas Instruments XIO2000AZZZ Datasheet HTML 54Page - Texas Instruments XIO2000AZZZ Datasheet HTML 55Page - Texas Instruments XIO2000AZZZ Datasheet HTML 56Page - Texas Instruments XIO2000AZZZ Datasheet HTML 57Page - Texas Instruments XIO2000AZZZ Datasheet HTML 58Page - Texas Instruments XIO2000AZZZ Datasheet HTML 59Page - Texas Instruments XIO2000AZZZ Datasheet HTML 60Page - Texas Instruments XIO2000AZZZ Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 165 page
background image
Feature/Protocol Descriptions
48
April 2007 Revised October 2008
SCPS155C
Table 3−15. Clocking In Low Power States
CLOCK SOURCE
D0/L0
D1/L1
D2/L1
D3/L2/L3
PCI express reference clock input (REFCLK)
On
On
On
On/Off
PCI clock input (CLK)
On
Off
Off
Off
Secondary PCI bus clock outputs (CLKOUT6:0)
On
On
On
On/Off
The link power management (LPM) state machine manages active state power by monitoring the PCI Express
transaction activity. If no transactions are pending and the transmitter has been idle for at least the minimum
time required by the PCI Express Specification, then the LPM state machine transitions the link to either the
L0s or L1 state. By reading the bridge’s L0s and L1 exit latency in the link capabilities register, the system
software may make an informed decision relating to system performance versus power savings. The ASLPMC
field in the link control register provides an L0s-only option, L1-only option, or both L0s and L1 option.
Finally, the bridge generates the PM_Active_State_Nak Message if a PM_Active_State_Request_L1 DLLP
is received on the PCI Express interface and the link cannot be transitioned to L1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com