Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 63 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 59Page - Texas Instruments XIO2000AZZZ Datasheet HTML 60Page - Texas Instruments XIO2000AZZZ Datasheet HTML 61Page - Texas Instruments XIO2000AZZZ Datasheet HTML 62Page - Texas Instruments XIO2000AZZZ Datasheet HTML 63Page - Texas Instruments XIO2000AZZZ Datasheet HTML 64Page - Texas Instruments XIO2000AZZZ Datasheet HTML 65Page - Texas Instruments XIO2000AZZZ Datasheet HTML 66Page - Texas Instruments XIO2000AZZZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 165 page
background image
Classic PCI Configuration Space
54
April 2007 Revised October 2008
SCPS155C
4.9
BIST Register
Since the bridge does not support a built-in self test (BIST), this read-only register returns the value of 00h
when read.
PCI register offset:
0Fh
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.10 Device Control Base Address Register
This register programs the memory base address that acesses the device control registers. By default, this
register is read only. If bit 5 of the Control and Diagnostic Register 2 (offset C8h) is set, then the bits 31:12
of this register become read/write. See Table 4−5 for a complete description of the register contents.
PCI register offset:
10h
Register type:
Read-only, Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−5. Device Control Base Address Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:12
ADDRESS
R,R/W
Memory base address. The memory address field for the bridge uses 20 read/write bits indicating
that 4096 bytes is the amount of memory space that is reserved. These bits are read only if
Register C8h bit 5 is clear. If bit 5 is set, then these bits become Read/Write.
11:4
RSVD
R
Reserved. These bits are read-only and return 00h when read.
3
PRE_FETCH
R
Prefetchable. This bit is read-only 0b indicating that this memory window is not prefetchable.
2:1
MEM_TYPE
R
Memory type. This field is read-only 00b indicating that this window can be located anywhere in the
32-bit address space.
0
MEM_IND
R
Memory space indicator. This field returns 0b indicating that memory space is used.
4.11 Primary Bus Number Register
This read/write register specifies the bus number of the PCI bus segment that the PCI Express interface is
connected to.
PCI register offset:
18h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com