Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 92 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 92 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 88Page - Texas Instruments XIO2000AZZZ Datasheet HTML 89Page - Texas Instruments XIO2000AZZZ Datasheet HTML 90Page - Texas Instruments XIO2000AZZZ Datasheet HTML 91Page - Texas Instruments XIO2000AZZZ Datasheet HTML 92Page - Texas Instruments XIO2000AZZZ Datasheet HTML 93Page - Texas Instruments XIO2000AZZZ Datasheet HTML 94Page - Texas Instruments XIO2000AZZZ Datasheet HTML 95Page - Texas Instruments XIO2000AZZZ Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 165 page
background image
Classic PCI Configuration Space
83
April 2007 Revised October 2008
SCPS155C
4.63 Control and Diagnostic Register 2
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4−37 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause interoperability
or other problems.
PCI register offset:
C8h
Register type:
Read/Write
Default value:
3214 6000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
1
1
0
0
1
0
0
0
0
1
0
1
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−37. Control and Diagnostic Register 2 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24†
N_FTS_
ASYNC_CLK
RW
N_FTS for asynchronous clock. When bit 6 (CCC) of the link control register (offset A0h, see
Section 4.53) is clear, the value in this field is the number of FTS that are sent on a transition from
L0s to L0. This field shall default to 32h.
23:16†
N_FTS_
COMMON_
CLK
RW
N_FTS for common clock. When bit 6 (CCC) of the link control register (offset A0h, see Section
4.53) is set, the value in this field is the number of FTS that are sent on a transition from L0s to L0.
This field defaults to 14h.
15:13
PHY_REV
R
PHY revision number
12:8†
LINK_NUM
RW
Link number
7:6
RSVD
R
Reserved. Returns 00b when read.
5:0
BAROWE
RW
BAR 0 Write Enable. When this bit is clear (default), the Base Address at offset 10h is read only
and writes to that register will have no effect. When this bit is set, then bits 31:12 of the Base
Address Register becomes writeable allowing the address of the 4K window to the Memory
Mapped TI Proprietary Registers to be changed.
4:0†
RSVD
RW
Reserved. Bits 4:0 default to 00000b. If this register is programmed via EEPROM or another
mechanism, then the value written into this field must be 00000b.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
4.64 Subsystem Access Register
The contents of this read/write register are aliased to the subsystem vendor ID and subsystem ID registers
at PCI offsets 84h and 86h. See Table 4−38 for a complete description of the register contents.
PCI register offset:
D0h
Register type:
Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−38. Subsystem Access Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16†
SubsystemID
RW
Subsystem ID. The value written to this field is aliased to the subsystem ID register at PCI
offset 86h (see Section 4.45).
15:0†
SubsystemVendorID
RW
Subsystem vendor ID. The value written to this field is aliased to the subsystem vendor ID
register at PCI offset 84h (see Section 4.44).
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com