Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 23 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 23 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 19Page - Texas Instruments XIO2000AZZZ Datasheet HTML 20Page - Texas Instruments XIO2000AZZZ Datasheet HTML 21Page - Texas Instruments XIO2000AZZZ Datasheet HTML 22Page - Texas Instruments XIO2000AZZZ Datasheet HTML 23Page - Texas Instruments XIO2000AZZZ Datasheet HTML 24Page - Texas Instruments XIO2000AZZZ Datasheet HTML 25Page - Texas Instruments XIO2000AZZZ Datasheet HTML 26Page - Texas Instruments XIO2000AZZZ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 165 page
background image
Introduction
14
April 2007 Revised October 2008
SCPS155C
Table 2−4. XIO2000A/XIO2000AI Signal Names Sorted Alphabetically
SIGNAL NAME
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
SIGNAL NAME
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
AD0
A07
A07
A07
CLKOUT5
A13
C10
B11
AD1
B07
A06
D06
CLKOUT6
B14
C11
A13
AD2
C07
B06
A06
CLKRUN_EN
B15
B13
B13
AD3
D07
C06
C06
DEVSEL
F01
D01
E02
AD4
A06
A05
B06
EXT_ARB_EN
A15
C12
B12
AD5
B06
B05
A05
FRAME
G01
E01
F01
AD6
A05
C05
B05
GNT0
A08
C07
C07
AD7
B05
A04
C05
GNT1
A09
C08
C08
AD8
C04
D05
C04
GNT2
A10
A10
B09
AD9
A03
A03
A03
GNT3
C11
B10
C10
AD10
B03
B03
B03
GNT4
C12
A12
D11
AD11
A02
A02
A02
GNT5
A14
A13
C11
AD12
B01
B02
B02
GPIO0 // CLKRUN
T05
M04
P03
AD13
C02
B01
B01
GPIO1 // PWR_OVRD
U05
P03
P04
AD14
C01
C03
C03
GPIO2
T06
M05
N04
AD15
D02
C02
C02
GPIO3
U06
N04
M04
AD16
H03
F01
F03
GPIO4 // SCL
R07
P04
P05
AD17
H02
G03
G02
GPIO5 // SDA
T07
N05
N05
AD18
J03
G01
G03
GPIO6
U07
M06
M05
AD19
J02
H01
H01
GPIO7
U08
L06
L06
AD20
K01
H03
H03
GRST
N17
L13
L13
AD21
K02
H02
H02
INTA
R02
M02
M02
AD22
K03
H04
H04
INTB
T01
N01
N01
AD23
L01
J01
J01
INTC
U02
N02
N02
AD24
L03
J04
J03
INTD
T03
M03
M03
AD25
L04
J03
J04
IRDY
G02
E02
E04
AD26
M01
K01
K01
LOCK
U04
P02
P02
AD27
M02
K02
K02
M66EN
R01
M01
M01
AD28
N01
K04
K03
PAR
E02
D03
D02
AD29
N02
K03
L04
PERR
F03
C01
D03
AD30
P01
L02
L02
PERST
J17
H14
H12
AD31
P02
L01
L01
PME
M15
M14
L12
C/BE[0]
B04
C04
B04
PRST
U03
P01
P01
C/BE[1]
D01
E04
C01
REF0_PCIE
L16
K14
J14
C/BE[2]
H01
F02
F02
REF1_PCIE
L17
J13
J13
C/BE[3]
L02
J02
J02
REFCLK_SEL
A16
D11
A14
CLK
P03
L03
L03
REFCLK−
C16
B14
C14
CLKOUT0
C08
D07
D07
REFCLK+
C17
C14
C13
CLKOUT1
B09
A08
B08
REQ0
B08
B07
B07
CLKOUT2
B10
A09
A09
REQ1
C09
B08
A08
CLKOUT3
A11
D09
D10
REQ2
C10
B09
C09
CLKOUT4
A12
A11
B10
REQ3
B11
C09
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com