Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZZZ Datasheet(PDF) 89 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 89 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 85Page - Texas Instruments XIO2000AZZZ Datasheet HTML 86Page - Texas Instruments XIO2000AZZZ Datasheet HTML 87Page - Texas Instruments XIO2000AZZZ Datasheet HTML 88Page - Texas Instruments XIO2000AZZZ Datasheet HTML 89Page - Texas Instruments XIO2000AZZZ Datasheet HTML 90Page - Texas Instruments XIO2000AZZZ Datasheet HTML 91Page - Texas Instruments XIO2000AZZZ Datasheet HTML 92Page - Texas Instruments XIO2000AZZZ Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 165 page
background image
Classic PCI Configuration Space
80
April 2007 Revised October 2008
SCPS155C
4.60 GPIO Data Register
This register reads the state of the input mode GPIO terminals and changes the state of the output mode GPIO
terminals. Writing to a bit that is in input mode or is enabled for a secondary function is ignored. The secondary
functions share GPIO0 (CLKRUN), GPIO1 (PWR_OVRD), GPIO4 (SCL), and GPIO5 (SDA). The default
value at power up depends on the state of the GPIO terminals as they default to general-purpose inputs. See
Table 4−34 for a complete description of the register contents.
PCI register offset:
B6h
Register type:
Read-only, Read/Write
Default value:
00XXh
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
x
x
x
x
x
x
x
x
Table 4−34. GPIO Data Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:8
RSVD
R
Reserved. Returns 00h when read.
7†
GPIO7_DATA
RW
GPIO 7 data. This bit reads the state of GPIO7 when in input mode or changes the state of GPIO7
when in output mode.
6†
GPIO6_DATA
RW
GPIO 6 data. This bit reads the state of GPIO6 when in input mode or changes the state of GPIO6
when in output mode.
5†
GPIO5_DATA
RW
GPIO 5 data. This bit reads the state of GPIO5 when in input mode or changes the state of GPIO5
when in output mode.
4†
GPIO4_DATA
RW
GPIO 4 data. This bit reads the state of GPIO4 when in input mode or changes the state of GPIO4
when in output mode.
3†
GPIO3_DATA
RW
GPIO 3 data. This bit reads the state of GPIO3 when in input mode or changes the state of GPIO3
when in output mode.
2†
GPIO2_DATA
RW
GPIO 2 data. This bit reads the state of GPIO2 when in input mode or changes the state of GPIO2
when in output mode.
1†
GPIO1_DATA
RW
GPIO 1 data. This bit reads the state of GPIO1 when in input mode or changes the state of GPIO1
when in output mode.
0†
GPIO0_DATA
RW
GPIO 0 data. This bit reads the state of GPIO0 when in input mode or changes the state of GPIO0
when in output mode.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com