Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2914 Datasheet HTML 1Page - Renesas Technology Corp F2914 Datasheet HTML 2Page - Renesas Technology Corp F2914 Datasheet HTML 3Page - Renesas Technology Corp F2914 Datasheet HTML 4Page - Renesas Technology Corp F2914 Datasheet HTML 5Page - Renesas Technology Corp F2914 Datasheet HTML 6Page - Renesas Technology Corp F2914 Datasheet HTML 7Page - Renesas Technology Corp F2914 Datasheet HTML 8Page - Renesas Technology Corp F2914 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 3
1.
Pin Information
1.1
Pin Diagram
GND
1
4
3
2
5
GND
GND
GND
VDD
GND
Control
Circuit
E.P.
6
18
15
16
17
14
13
RF4
RF1
GND
V1
V2
50
Ω
50
Ω
50
Ω
50
Ω
GND
1.2
Pin Descriptions
Pin
Name
Function
1, 3, 4, 6, 7, 9, 10, 12, 13,
15, 21, 23, 24
GND
Ground these pins as close to the device as possible.
2
GND
This pin is internally connected to the exposed paddle. This pin can be left open or grounded.
Note: The EVKIT layout has a floating RF trace connected to this pin to make the board
compatible with the F2915.
5
RF4
RF4 Port. Matched to 50 ohms. If this pin is not 0V DC, then an external coupling capacitor
must be used.
8
RF3
RF3 Port. Matched to 50 ohms. If this pin is not 0V DC, then an external coupling capacitor
must be used.
11
RF2
RF2 Port. Matched to 50 ohms. If this pin is not 0V DC, then an external coupling capacitor
must be used.
14
RF1
RF1 Port. Matched to 50 ohms. If this pin is not 0V DC, then an external coupling capacitor
must be used.
16
VDD
Power Supply. Bypass to GND with capacitors shown in the Typical Application Circuit as
close as possible to pin.
17
V1
Control pin to set switch state. See Table 1 or Table 2.
18
V2
Control pin to set switch state. See Table 1 or Table 2.
19
V3
Control pin to set switch state. See Table 1 or Table 2.
20
VSSEXT
External VSS negative voltage control. Connect to ground to enable on chip negative voltage
generator. To bypass and disable on chip generator connect this pin to an external VSS.
22
RFC
RF Common Port. Matched to 50 ohms when one of the 4 RF ports is selected. If this pin is
not 0V DC, then an external coupling capacitor must be used.
25
— EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses
multiple ground vias to provide heat transfer out of the device into the PCB ground planes.
These multiple ground vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com