Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F2914 Datasheet HTML 8Page - Renesas Technology Corp F2914 Datasheet HTML 9Page - Renesas Technology Corp F2914 Datasheet HTML 10Page - Renesas Technology Corp F2914 Datasheet HTML 11Page - Renesas Technology Corp F2914 Datasheet HTML 12Page - Renesas Technology Corp F2914 Datasheet HTML 13Page - Renesas Technology Corp F2914 Datasheet HTML 14Page - Renesas Technology Corp F2914 Datasheet HTML 15Page - Renesas Technology Corp F2914 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 12
RFC Return Loss with RFX Selected vs. Voltage
RFX Terminated Return Loss vs. RFX Port
RFX Terminated Return Loss vs. Temperature
RFX Terminated Return Loss vs. Voltage
Return Loss (During Switching) vs. Time
VSWR (During Switching) vs. Time
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V
3.3V
5.0V
5.5V
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
RF1
RF2
RF3
RF4
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40C
25C
105C
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V
3.3V
5.0V
5.5V
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Time (µsec)
RFX Term ---> RFX Active
RFX Active ---> RFX Term
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Time (µsec)
RFX Term ---> RFX Active
RFX Active ---> RFX Term



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com