Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F2914 Datasheet HTML 3Page - Renesas Technology Corp F2914 Datasheet HTML 4Page - Renesas Technology Corp F2914 Datasheet HTML 5Page - Renesas Technology Corp F2914 Datasheet HTML 6Page - Renesas Technology Corp F2914 Datasheet HTML 7Page - Renesas Technology Corp F2914 Datasheet HTML 8Page - Renesas Technology Corp F2914 Datasheet HTML 9Page - Renesas Technology Corp F2914 Datasheet HTML 10Page - Renesas Technology Corp F2914 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 7
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Minimum Return Loss
(RFX Port )
RFXRL
400 MHz –4000 MHz
Active
13
dB
Terminated
17
Input 0.1dB Compression3
ICP0.1dB
35
dBm
Input IP2
IIP2
FRF1 = 2000 MHz, FRF2 = 2010 MHz
RF Input = RFX, PIN = +20 dBm / tone
FRF1 + FRF2 Term
114
dBm
Input IP3
IIP3
Δ F = 1 MHz
RF Input = RFX
PIN = +20 dBm / tone
FRF = 2000 MHz
59.5
dBm
FRF = 4000 MHz
60
Switching Time4
TSW
Bypass
Mode
50% CTRL to 90% RF
256
345
ns
50% CTRL to 10% RF
256
345
50% CTRL to RF settled
within +/- 0.1 dB of I.L. value.
285
Maximum Switching Rate5
SWRATE
Pin 20 = GND
25
kHz
Pin 20 = VSSEXT applied
290
Maximum spurious level on any
RF port6
SpurMAX
RF
ports terminated into 50Ω
RFX connected to RFC
-120
dBm
1. Items in min/max columns in bold italics are guaranteed by Test.
2. Items in min/max columns that are not bold/italics are guaranteed by Design Characterization.
3. The input 0.1dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section for the maximum RF input
power and Figure 1 for maximum operating RF input power.
4. FRF = 1GHz.
5. Minimum time required between switching of states =1/ (Maximum Switching Rate).
6. Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com