Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F2914 Datasheet HTML 14Page - Renesas Technology Corp F2914 Datasheet HTML 15Page - Renesas Technology Corp F2914 Datasheet HTML 16Page - Renesas Technology Corp F2914 Datasheet HTML 17Page - Renesas Technology Corp F2914 Datasheet HTML 18Page - Renesas Technology Corp F2914 Datasheet HTML 19Page - Renesas Technology Corp F2914 Datasheet HTML 20Page - Renesas Technology Corp F2914 Datasheet HTML 21Page - Renesas Technology Corp F2914 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 18
11. EVkit Operation
11.1
External Supply Setup
Set up a VDD power supply in the voltage range of 2.7 V to 5.5 V and disable the power supply output.
If using the on-chip negative voltage generator install a 2-pin shunt to short out pins 3 and 4 of J9.
If an external negative voltage supply is to be used set the supply voltage within the range of -3.6 V to
-3.2 V and disable the negative voltage power supply output. Also, be sure there are no jumper connections on
pins 3 and 4 of J9.
11.2
Logic Control Setup
Using the EVKIT to manually set the control logic:
On connector J9 connect a 2-pin shunt from pin 7 (VDD) to pin 8 (VDD_CTRL). This connection provides the
VDD voltage supply to the Eval Board logic control pull up network.
On connector J9 connect a 2-pin shunt from pin 9 (LVSEL2) to pin 10 (LVSEL). This connection enables R7 (15
kΩ) and R8 (22 kΩ) to form a voltage divider to set the proper logic control levels to support the full voltage
range of VDD. Note that when using the on-board R7 / R8 voltage divider the current draw from the VDD supply
will be higher by approximately VDD / 37
kΩ.
Connector J9 has 3 logic input pins: V1 (pin 20), V2 (pin 18), and V3 (pin 16). See Table 1 or Table 2 for Logic
Truth Table. With the pullup network enabled (as noted above), these pins open will provide a logic high through
pull up resistors R4, R5, and R6. To set a logic low to V1, V2, and V3 connect 2-pin shunts from pin 16 to pin 15,
pin 18 to pin 17 and pin 20 to pin 19 respectively.
11.3
Using External Control Logic
Pins 6, 7, 8, 9, and 10 of J9 should have no connection. External logic controls would be applied to J9 pins 16
(V3), 18 (V2) and 20 (V1). See Table 1 or Table 2 for Logic Truth Table.
11.4
Turn on Procedure
1.
Setup the supplies and Eval Board as noted in the External Supply Setup and Logic Control Setup
sections above.
2.
Connect the preset disabled VDD power supply to pin 2 (VDD) and pin 1 (GND) of J9.
3.
If the external negative voltage source is to be used, connect the disabled supply to pin 4 (VSSEXT) and pin
3 (GND) of J9. If using on-chip negative supply be sure the 2-pin shunt is installed connecting pin 3 to pin 4.
4.
Enable the VDD supply then enable the VSSEXT supply (if used).
5.
Set the desired logic setting using V1, V2, and V3 to achieve the desired Table 1 or Table 2 setting. Note
that external control logic should not be applied without VDD being applied first.
11.5
Turn off Procedure
1.
If using external control logic for V1, V2, V3 then set to a logic low.
2.
Disable any external VSSEXT supply.
3.
Disable the VDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com