Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F2914 Datasheet HTML 13Page - Renesas Technology Corp F2914 Datasheet HTML 14Page - Renesas Technology Corp F2914 Datasheet HTML 15Page - Renesas Technology Corp F2914 Datasheet HTML 16Page - Renesas Technology Corp F2914 Datasheet HTML 17Page - Renesas Technology Corp F2914 Datasheet HTML 18Page - Renesas Technology Corp F2914 Datasheet HTML 19Page - Renesas Technology Corp F2914 Datasheet HTML 20Page - Renesas Technology Corp F2914 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 17
10. EVKit BOM
Part Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
C1, C3, C5, C7,
C8, C9
6
100 pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H101J
Murata
C2
0
Not Installed (0603)
C4
0
Not Installed (0603)
C6
1
1000 pF ±5%, 50V, C0G Ceramic Capacitor (0603)
GRM1885C1H102J
Murata
R1, R2, R3
3
0
Ω ±1%, 1/10W, Resistor (0402)
ERJ-2GE0R00X
Panasonic
R4, R5, R6
3
100
kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1003X
Panasonic
R7
1
15
kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1502X
Panasonic
R8
1
22
kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2202X
Panasonic
J1, J3-J8
7
Edge Launch SMA (0.375 inch pitch ground tabs)
142-0701-851
Emerson Johnson
J9
1
CONN HEADER VERT DBL 10 X 2 POS GOLD
67997-120HLF
FCI
U1
1
SP4T Switch 4 mm x 4 mm QFN24-EP
F2914NBGK
IDT
1
Printed Circuit Board
F29XX EVKIT Rev 02.0
IDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com