Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2914 Datasheet HTML 2Page - Renesas Technology Corp F2914 Datasheet HTML 3Page - Renesas Technology Corp F2914 Datasheet HTML 4Page - Renesas Technology Corp F2914 Datasheet HTML 5Page - Renesas Technology Corp F2914 Datasheet HTML 6Page - Renesas Technology Corp F2914 Datasheet HTML 7Page - Renesas Technology Corp F2914 Datasheet HTML 8Page - Renesas Technology Corp F2914 Datasheet HTML 9Page - Renesas Technology Corp F2914 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 6
5.
Electrical Specifications
Typical Application Circuit, Normal mode (VDD = 3.3 V, VSSEXT = 0 V) or Bypass mode (VDD = 3.3 V,
VSSEXT = -3.3 V), TC = +25 °C, FRF = 2000 MHz, Input power = 0 dBm, ZS = ZL = 50
Ω, RFX = one of the four
input ports, PCB board trace and connector losses are de-embedded unless otherwise noted.
Table 4. Electrical Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Logic Input High Threshold
VIH
1.1
Minimum
( 3.6, VDD)
V
Logic Input Low Threshold
VIL
-0.3
0.6
V
Logic Current
IIH, IIL
For each control pin
-2
+2
µA
DC Current (VDD)
IDD
Normal Mode
3.3 V or 1.8V Logic
290
360
µA
Bypass Mode
3.3 V or 1.8V Logic
270
340
DC Current (VSSEXT)
IVSS
VSSEXT = -3.3 V
-44
-60
µA
Insertion Loss
RFX to RFC
IL
900 MHz
0.90
1.4 1
dB
2100 MHz
1.1
1.5
2700 MHz
1.15
1.6
2700 MHz – 4000 MHz
1.2
1.652
4000 MHz – 8000 MHz
1.8
Minimum Isolation
RFX to RFC
ISOC
400 MHz – 900 MHz
56
62.2
dB
900 MHz – 2100 MHz
48.5
55.4
2100 MHz – 2700 MHz
48
53.5
2700 MHz – 4000 MHz
46
50
4000 MHz – 5000 MHz
46
50
5000 MHz – 8000 MHz
29.5
35.7
Minimum Isolation
RFX to RFX
ISOX
400 MHz – 900 MHz
55
60.3
dB
900 MHz – 2100 MHz
49.5
53.6
2100 MHz – 2700 MHz
47
52
2700 MHz – 4000 MHz
43
47.6
4000 MHz – 5000 MHz
40
45
5000 MHz – 8000 MHz
29
36
Total Coupling
RFC to RFX
CPLRF
Difference between active RFX input signal
and 3 terminated RFX input signals at the
RFC port. 50 MHz – 5000 MHz.
42
dB
Maximum RFX Port VSWR
During Switching
VSWRT
From RFX Active to RFX Term
1.7:1
-
From RFX Term to RFX Active
2:1
Minimum Return Loss
(RFC Port )
RFCRL
400 MHz – 4000 MHz
15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com