Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F2914 Datasheet HTML 14Page - Renesas Technology Corp F2914 Datasheet HTML 15Page - Renesas Technology Corp F2914 Datasheet HTML 16Page - Renesas Technology Corp F2914 Datasheet HTML 17Page - Renesas Technology Corp F2914 Datasheet HTML 18Page - Renesas Technology Corp F2914 Datasheet HTML 19Page - Renesas Technology Corp F2914 Datasheet HTML 20Page - Renesas Technology Corp F2914 Datasheet HTML 21Page - Renesas Technology Corp F2914 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 19
12. Package Outline Drawings
The package outline drawings are appended at the end of this document. The package information is the most
current data available.
13. Marking Diagram
IDTF2914
NBGK
Z1528ACL
Part Number
Date Code [YYWW]
(Week 28 of 2015)
ASM
Test
Step
Assembler
Code
14. Ordering Information
Part Number
Description
Temperature Range (°C)
Carrier Type
F2914NBGK8
4.0 x 4.0 x 0.80 mm 0.50mm Pitch
24- VFQFPN
-40 to +85
15. Revision History
Revision
Date
Description
1.0
Dec.1.20
• Updated RFX to RFC and RFX to RFX isolation specifications.
• Added Total Coupling RFC to RFX specification.
N/A
Jun.19.20
Completed minor changes throughout.
N/A
Mar.1.16
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com