Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F2914 Datasheet HTML 1Page - Renesas Technology Corp F2914 Datasheet HTML 2Page - Renesas Technology Corp F2914 Datasheet HTML 3Page - Renesas Technology Corp F2914 Datasheet HTML 4Page - Renesas Technology Corp F2914 Datasheet HTML 5Page - Renesas Technology Corp F2914 Datasheet HTML 6Page - Renesas Technology Corp F2914 Datasheet HTML 7Page - Renesas Technology Corp F2914 Datasheet HTML 8Page - Renesas Technology Corp F2914 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 5
4.
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage (s)
VDD
Pin 20 grounded
2.7
5.5
V
Pin 20 Driven with VSSEXT
2.7
5.5
VSSEXT
Negative Supply1
-3.6
-3.4
-3.2
Operating Temp Range
TCASE
Exposed Paddle Temperature
-40
+105
OC
RF Frequency Range
FRF
50
8000
MHz
RF Continuous
Input CW Power 2
PRF
Selected Port
33
dBm
Terminated Ports3
27
RF Continuous
Input CW Power for
Hot RF Switching2
PRFSW
RFC as the
input
Switch to RF1 thru
RF4.
27
dBm
Switched into or out
of all off state.
24
RF1 thru RF5
as the inputs
Switched to RFC or
into Term3.
27
Switch into or out of
all off condition.
27
RF1 - 4 Port Impedance
ZRFx
50
Ω
RFC Port Impedance
ZRFC
50
1. For normal operation, connect VSSEXT = 0 V (pin 20) to GND to enable the internal negative voltage generator. By applying VSSEXT to
pin 20, the negative voltage generator is disabled thereby completely eliminating any generator spurious responses.
2. Levels based on TC
≤ 85 °C. See Figure 1 power derating curve for higher case temperatures.
3. In any of the insertion loss modes or switching into any insertion loss mode, the 3 remaining terminated port paths can be each
exposed to the maximum stated power level during continuous or hot switching operation.
Figure 1. Maximum RF Input Power vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com