Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F2914 Datasheet HTML 5Page - Renesas Technology Corp F2914 Datasheet HTML 6Page - Renesas Technology Corp F2914 Datasheet HTML 7Page - Renesas Technology Corp F2914 Datasheet HTML 8Page - Renesas Technology Corp F2914 Datasheet HTML 9Page - Renesas Technology Corp F2914 Datasheet HTML 10Page - Renesas Technology Corp F2914 Datasheet HTML 11Page - Renesas Technology Corp F2914 Datasheet HTML 12Page - Renesas Technology Corp F2914 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 9
6.
Typical Operating Conditions (TOC)
Unless otherwise noted for the TOC graphs on the following pages, the following conditions apply.
•
VDD = 3.3 V.
•
TCASE = +25 ºC (TCASE = Temperature of exposed paddle).
•
FRF = 2000 MHz.
•
RFX is the driven RF port and RFC is the output port.
•
Pin = 10 dBm for all small signal tests.
•
Pin = +15 dBm/tone applied to selected RFX port for two tone linearity tests.
•
Two tone frequency spacing = 5 MHz.
•
ZS = ZL = 50 ohms.
•
All unused RF ports terminated into 50 ohms.
•
For Insertion Loss and Isolation plots, RF trace and connector losses are de-embedded (see EVKIT Board
and Connector loss plot).
•
Plots for Isolation and Insertion Loss over temperature and voltage are for a typical path. For performance of a
specific path, refer to the online S-Parameter file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com