Electronic Components Datasheet Search
  English  ▼

X  

F4482 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 32Page - Renesas Technology Corp F4482 Datasheet HTML 33Page - Renesas Technology Corp F4482 Datasheet HTML 34Page - Renesas Technology Corp F4482 Datasheet HTML 35Page - Renesas Technology Corp F4482 Datasheet HTML 36Page - Renesas Technology Corp F4482 Datasheet HTML 37Page - Renesas Technology Corp F4482 Datasheet HTML 38Page - Renesas Technology Corp F4482 Datasheet HTML 39Page - Renesas Technology Corp F4482 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
36
December 15, 2020
Programming
The F4482 uses a variety of programming options that can control the on-chip attenuators and band-select functions. The following sections
provide specific details on each unique programming mode.
Serial Programming
The F4482 includes a SPI interface that is primarily used to program the device’s on-chip attenuators.
Device Register Maps
Each channel of the VGA uses an 8-bit addressing word followed by an 8-bit data word to execute the attenuation level commands. Figure 76
shows the various bit assignments for each channel register.
Figure 76. Register Bit Map for Each Channel
Address Word A7 – A0
Data Word D7 – D0
D6
D5
D1
D4
D2
D3
16 dB
RSV
LSB
RSV
RSV
RSV RSV
8 dB
4 dB
2 dB
1 dB
0.5 dB
MSB
D7
CH
SEL
CH
SEL
A6
A7
A5
A1
A4
A2
A3
A0
D0
LSB
MSB
RSV
CH
SEL
RSV
The register address word (Bits A7-A0) includes five reserve bits (A7-A3) followed by three channel addressing bits (A2-A0). The “Channel
Select” truth table is provided in Table 8.
Table 8. Channel Select Truth Table
Channel Select
Reserve
Address Bits
A7
A6
A5
A4
A3
A2
A1
A0
Channel A
X
X
X
X
X
0
0
0
Channel B
X
X
X
X
X
0
0
1
Channel C
X
X
X
X
X
0
1
0
Channel D
X
X
X
X
X
0
1
1
Channel A and B
(Simultaneous Programming)
X
X
X
X
X
1
0
X
Channel C and D
(Simultaneous Programming)
X
X
X
X
X
1
1
X
Note that address bit A2 is used to select either individual channel programming (logic LOW) or dual channel programming (logic HIGH).
Simultaneous programming of channels A and B is achieved when setting bit A2 to a logic HIGH and A1 a logic LOW. Simultaneous
programming of channels C and D occurs when bits A2 and A1 are both logic HIGHs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com