Electronic Components Datasheet Search
  English  ▼

X  

F4482 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 33Page - Renesas Technology Corp F4482 Datasheet HTML 34Page - Renesas Technology Corp F4482 Datasheet HTML 35Page - Renesas Technology Corp F4482 Datasheet HTML 36Page - Renesas Technology Corp F4482 Datasheet HTML 37Page - Renesas Technology Corp F4482 Datasheet HTML 38Page - Renesas Technology Corp F4482 Datasheet HTML 39Page - Renesas Technology Corp F4482 Datasheet HTML 40Page - Renesas Technology Corp F4482 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
37
December 15, 2020
Table 9 represents the truth table for the attenuator control bits. A full scale DSA setting of 000000 drives the channel DSA into its minimum
attenuation state. Conversely, a setting of 111111 drives the channel DSA into its maximum attenuation state. Note that D5 is defined as the
Most Significant Bit (MSB) for the attenuator control function within each respective channel.
Table 9. DVGA Attenuation Word Truth Table
Attenuation
Setting (dB)
Reserve
Control Bits
D7
D6
D5
D4
D3
D2
D1
D0
0.0
X
X
0
0
0
0
0
0
0.5
X
X
0
0
0
0
0
1
1.0
X
X
0
0
0
0
1
0
2.0
X
X
0
0
0
1
0
0
4.0
X
X
0
0
1
0
0
0
8.0
X
X
0
1
0
0
0
0
16.0
X
X
1
0
0
0
0
0
31.5
X
X
1
1
1
1
1
1
It should also be noted that the listing above represents an abbreviated version of the complete 6-bit attenuator control truth table. Any attenuator
combination of 0.5dB, 1dB, 2dB, 4dB, 8dB, and 16dB can be achieved by simply assigning a logic HIGH in the respective control bit. For
instance, to achieve an attenuation setting of 21.5dB within a given channel, assign a logic HIGH to bits D0, D1, D3, and D5 while assigning a
logic LOW to bits D2 and D4. Doing so selects a combination of 0.5dB (D0) + 1dB (D1) + 4dB (D3) + 16dB (D5) = 21.5dB. Setting all of the
control bits to logic HIGH will step in all of the attenuator stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com