Electronic Components Datasheet Search
  English  ▼

X  

F4482 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 8Page - Renesas Technology Corp F4482 Datasheet HTML 9Page - Renesas Technology Corp F4482 Datasheet HTML 10Page - Renesas Technology Corp F4482 Datasheet HTML 11Page - Renesas Technology Corp F4482 Datasheet HTML 12Page - Renesas Technology Corp F4482 Datasheet HTML 13Page - Renesas Technology Corp F4482 Datasheet HTML 14Page - Renesas Technology Corp F4482 Datasheet HTML 15Page - Renesas Technology Corp F4482 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
12
December 15, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
DSA Adjustment Range
GRANGE
31.5
dB
DSA Step Resolution
GSTEP
LSB
0.5
dB
Adjacent State Attenuator Glitching
ATTNG
DSA step: 5.5dB to 6dB.
0.7
dB
DSA step: 6dB to 5.5dB.
0.7
DSA step: 11.5dB to 12dB.
0.7
DSA step: 12dB to 11.5dB.
0.7
DSA step: 17.5dB to 18dB.
0.7
DSA step: 18dB to 17.5dB.
0.7
DSA step: 23.5dB to 24dB.
0.7
DSA step: 24dB to 23.5dB.
0.7
DSA step: 29.5dB to 30dB.
1
DSA step: 30dB to 29.5dB.
1
All Other 0.5dB DSA steps.
0.6
All Other 2dB DSA steps.
1
Common Mode Rejection
CMR
fRF= 1300MHz to 1800MHz
30
dB
fRF= 1800MHz to 2800MHz
20
Amplitude Imbalance
IMBALAMP
Measures
RFIN- to
RFOUT and
compares
RFOUT to
RFIN+
amplitude.
Worst Case
Over fRF=
1300MHz to
1800MHz
0.25
dB
Worst Case
Over fRF=
1800MHz to
2800MHz
0.5
Phase Imbalance
IMBALPH
Measures
RFIN- to
RFOUT and
compares
RFOUT to
RFIN+ phase.
Deviation is
from ideal 180
degrees
Worst Case
Over fRF=
1300MHz to
1800MHz
0.75
deg
Worst Case
Over fRF=
1800MHz to
2800MHz
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com