Electronic Components Datasheet Search
  English  ▼

X  

F4482 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 7Page - Renesas Technology Corp F4482 Datasheet HTML 8Page - Renesas Technology Corp F4482 Datasheet HTML 9Page - Renesas Technology Corp F4482 Datasheet HTML 10Page - Renesas Technology Corp F4482 Datasheet HTML 11Page - Renesas Technology Corp F4482 Datasheet HTML 12Page - Renesas Technology Corp F4482 Datasheet HTML 13Page - Renesas Technology Corp F4482 Datasheet HTML 14Page - Renesas Technology Corp F4482 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
11
December 15, 2020
Electrical Characteristics – General
See the F4482 Typical Application Circuit. Unless stated otherwise, specifications apply when operated with VCC = +3.3V, TEP = +25°C,
fRF = 2100MHz, STBY_A = STBY_B = STBY_C = STBY_D = HIGH, ZS = 100Ω differential, ZL = 50Ω single-ended, maximum gain setting,
and output power = 0dBm/tone. EVKit trace and connector losses are de-embedded.
Table 4. Electrical Characteristics – General
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input HIGH
VIH
Supports both 1.8V and 3.3V
logic
1.07 [a]
V
Logic Input LOW
VIL
0.63
V
SPI Logic Current
(CSb, CLK, DATA)
ICTL
3.3V Logic
-5
5
µA
1.8V Logic
-5
5
Standby Logic Current
(STBY_A, STBY_B, STBY_C,
STBY_D)
IIH, IIL
3.3V Logic
5
50
µA
1.8V Logic
5
30
Supply Current [b]
ICC_4
Four channels on
490
600
mA
ICC_3
Three channels on
374
ICC_2
Two channels on
252
ICC_1
One channel on
135
Standby Current
ICC_STBY
All channels off
13
18
mA
Power ON Switching Time
tON
50% STBY to RF output settled
to within ±0.5dB
1
µs
Power OFF Switching Time
tOFF
50% STBY to 35 dBc reduction
of output power
1
µs
Lineup Out-of-Band Rejection at
Max Gain
fREJECTION
Total gain variation over
fRF = 1300MHz to 1700MHz.
Referred to fRF = 1450MHz.
DSA 0dB attenuation.
3
dBc
Total gain variation over
fRF = 1700MHz to 2800MHz.
Referred to fRF = 2100MHz.
DSA 0dB attenuation.
3
6GHz < fRF < 11.75GHz.
Referred to fRF = 2100MHz.
DSA 0dB attenuation.
50
Gain Settling Time [c]
GST
Any 2dB step in the 0dB to
31.5dB range. 50% of CSb to
1% / 99% RF.
0.4
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com