Electronic Components Datasheet Search
  English  ▼

X  

F4482 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 10Page - Renesas Technology Corp F4482 Datasheet HTML 11Page - Renesas Technology Corp F4482 Datasheet HTML 12Page - Renesas Technology Corp F4482 Datasheet HTML 13Page - Renesas Technology Corp F4482 Datasheet HTML 14Page - Renesas Technology Corp F4482 Datasheet HTML 15Page - Renesas Technology Corp F4482 Datasheet HTML 16Page - Renesas Technology Corp F4482 Datasheet HTML 17Page - Renesas Technology Corp F4482 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
14
December 15, 2020
Electrical Characteristics – Band 1 (1300MHz to 1700MHz)
See the F4482 Typical Application Circuit. Unless stated otherwise, specifications apply when operated with VCC = +3.3V, TEP = +25°C,
fRF = 1450MHz, STBY_A = STBY_B = STBY_C = STBY_D = HIGH, ZS = 100Ω differential, ZL = 50Ω single-ended, maximum gain setting,
and output power = 0dBm/tone. EVKit trace and connector losses are de-embedded.
Table 5. Electrical Characteristics – Band 1 (1300MHz to 1700MHz)
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
RF Input Return Loss
RLIN
13[a]
19
dB
RF Output Return Loss
RLOUT
12
18
dB
Maximum Gain
GMAX
DSA = 0dB
26
28
30
dB
Mid-Range Gain
GMID
DSA = 14dB
11.5
14
16
dB
Minimum Gain
GMIN
DSA = 31.5dB
-6
-3.5
-1.5
dB
Gain Variation Over Temperature
GTEMP
DSA = 0dB
Over TEP = -40°C to +105°C,
and relative to 25°C
+0.8 / -1.5
dB
DSA = 14dB
Over TEP = -40°C to +105°C,
and relative to 25°C
+0.8 / -1.1
Gain Flatness
GFLAT
Any 400MHz BW
0.4
dB
Gain Ripple
GRIPPLE
In any 20MHz range
0.2
dB
Intra-die Channel-to-Channel
Differences in Gain
GA - GB
Worst case difference in Gain
for any 2dB step over the 0dB
to 30dB attenuation range (with
channels A and B both set to
identical DSA attenuation
levels).
0.2
dB
Reverse Isolation
GREV
DSA = 0dB
-47
dB
DSA = 31.5dB
-73
Intra-die Channel Isolation [b]
ISOLA-B
Any RF input/output
combination involving
channel A paired with
channel B
DSA 0dB Attenuation
50
60
dB
Inter-die Channel Isolation [b]
ISOLB-C
Any RF input/output
combination involving
channel B (die 1) paired with
channel C (die 2).
DSA 0dB Attenuation
50
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com