Electronic Components Datasheet Search
  English  ▼

X  

F4482 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 6Page - Renesas Technology Corp F4482 Datasheet HTML 7Page - Renesas Technology Corp F4482 Datasheet HTML 8Page - Renesas Technology Corp F4482 Datasheet HTML 9Page - Renesas Technology Corp F4482 Datasheet HTML 10Page - Renesas Technology Corp F4482 Datasheet HTML 11Page - Renesas Technology Corp F4482 Datasheet HTML 12Page - Renesas Technology Corp F4482 Datasheet HTML 13Page - Renesas Technology Corp F4482 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
10
December 15, 2020
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Power Supply Voltage [a]
VCC
All VCC pins
3.15
3.3
3.45
V
Operating Temperature Range
TEP
Exposed Paddle Temperature
-40
+105
°C
Junction Temperature
TJMAX
+125
°C
RF Frequency Range [b]
fRF
Band 1 Tuning
1300
1700
MHz
Band 2 Tuning
1700
2800
Maximum CW Input Power
PIN_MAX
ZS = 100 Ω, ZL = 50Ω
Note [c]
dBm
RF Input Port Impedance
ZRFI
Differential Impedance
100
Ω
RF Output Port Impedance
ZRFO
Single-ended Impedance
50
Ω
[a] Power-on resets will only occur for VCC < 3V. The device is designed to function with any supply voltage ≥ 3V, although performance may be
degraded when operated outside the recommended voltage range.
[b] To optimize RF performance, different matching components might be used as described in the BOM. Using external matching, gain flatness is
optimized from either 1300MHz to 1700MHz (band 1) or 1700MHz to 2800MHz (band 2).
[c] Level = Lower of (-7.5dBm + attenuation setting) or 5dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com